Electronic Components Datasheet Search
  English  ▼

X  

LAN91C110 Datasheet(PDF) 7 Page - SMSC Corporation

Part # LAN91C110
Description  FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C110 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button LAN91C110 Datasheet HTML 3Page - SMSC Corporation LAN91C110 Datasheet HTML 4Page - SMSC Corporation LAN91C110 Datasheet HTML 5Page - SMSC Corporation LAN91C110 Datasheet HTML 6Page - SMSC Corporation LAN91C110 Datasheet HTML 7Page - SMSC Corporation LAN91C110 Datasheet HTML 8Page - SMSC Corporation LAN91C110 Datasheet HTML 9Page - SMSC Corporation LAN91C110 Datasheet HTML 10Page - SMSC Corporation LAN91C110 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
SMSC DS – LAN91C110 REV. B
Page 7
Rev. 09/05/02
144 TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
5
nChip
Select
Output
nCSOUT
O4
Output. Chip Select provided for mapping of PHY
functions into LAN91C110 decoded space. Active
on accesses to LAN91C110’s eight lower
addresses when the BANK SELECTED is 7.
4,20,33,43,5
5,66,79,
87,96,111,13
3
Power
VDD
+5V power supply pins.
144
Analog
Power
AVDD
+5V analog power supply pins.
9,17,29,39,4
9,59,69,
76,90,99,
116,124,
130,136,
Ground
GND
Ground pins.
142
Analog
Ground
AGND
Analog ground pin.
TABLE 2 - BUFFER TYPES
O4
Output buffer with 2mA source and 4mA sink
O12
Output buffer with 6mA source and 12mA sink
OD16
Open drain buffer with 16mA sink
I/O4
Bidirectional buffer with 2mA source and 4mA sink
I/O8
Bidirectional buffer with 4mA source and 8mA sink
IS
Schmitt Trigger (Hysteresis: 250mV)
I with pullup
Rated at 30mA
I with pulldown
Rated at 30mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com