Electronic Components Datasheet Search
  English  ▼

X  

AR6000 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # AR6000
Description  Alternator regulator with LIN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AR6000 Datasheet(HTML) 2 Page - NXP Semiconductors

  AR6000 Datasheet HTML 1Page - NXP Semiconductors AR6000 Datasheet HTML 2Page - NXP Semiconductors AR6000 Datasheet HTML 3Page - NXP Semiconductors AR6000 Datasheet HTML 4Page - NXP Semiconductors AR6000 Datasheet HTML 5Page - NXP Semiconductors AR6000 Datasheet HTML 6Page - NXP Semiconductors AR6000 Datasheet HTML 7Page - NXP Semiconductors AR6000 Datasheet HTML 8Page - NXP Semiconductors AR6000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 103 page
background image
NXP Semiconductors
AR6000
Alternator regulator with LIN
AR6000
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Data sheet: advance information
Rev. 5.1 — 12 October 2017
2 / 103
3 Features and benefits
• High-side field driver
• Internal freewheeling diode
• Up to 12.0 A rotor current (excitation coil)
• Load response control (LRC) and Return LRC
• Current limitation and overcurrent protection
• Thermal protection
• Thermal compensation
• LIN 2.1 physical layer
• Set point voltage selectable from 10.6 V to 16 V
• Accurate rotor current measurement, die temperature, alternator speed and battery
voltage reported by LIN
4 Applications
• Automotive alternators
5 Orderable parts
Table 1. Orderable part variations
Part number
Temperature (TA)
Package
MC33AR6000BGWS [1]
−40 °C to 150 °C
Die
MC33AR6000BGT [1]
−40 °C to 125 °C
TO220
[1]
The AR6000 devices are configurable with One Time Programmable (OTP) options described in Table 56. For easy
design-in, contact your local NXP sales representative to receive limited engineering samples in the TO-220 package
configured to your system requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com