Electronic Components Datasheet Search
  English  ▼

X  

AR6000 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # AR6000
Description  Alternator regulator with LIN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AR6000 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button AR6000 Datasheet HTML 35Page - NXP Semiconductors AR6000 Datasheet HTML 36Page - NXP Semiconductors AR6000 Datasheet HTML 37Page - NXP Semiconductors AR6000 Datasheet HTML 38Page - NXP Semiconductors AR6000 Datasheet HTML 39Page - NXP Semiconductors AR6000 Datasheet HTML 40Page - NXP Semiconductors AR6000 Datasheet HTML 41Page - NXP Semiconductors AR6000 Datasheet HTML 42Page - NXP Semiconductors AR6000 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 103 page
background image
NXP Semiconductors
AR6000
Alternator regulator with LIN
AR6000
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Data sheet: advance information
Rev. 5.1 — 12 October 2017
39 / 103
Tx 3 Byte 4
Vset (± 100 mV at 25 °C)
Umes (± 350 mV)
Tchip (± 10 °C)
n (± 10 % up to
18000 RPM, ± 12 %
above 18000 RPM)
11101111
—
—
T > 200 °C
9000
11110000
—
—
T > 200 °C
9600
11110001
—
—
T > 200 °C
10286
11110010
—
—
T > 200 °C
11077
11110011
—
—
T > 200 °C
12000
11110100
—
—
T > 200 °C
13091
11110101
—
—
T > 200 °C
14400
11110110
—
—
T > 200 °C
16000
11110111
—
—
T > 200 °C
18000
11111000
—
—
T > 200 °C
20571
11111001
—
—
T > 200 °C
—
11111010
—
—
T > 200 °C
—
11111011
—
—
T > 200 °C
—
11111100
—
—
T > 200 °C
—
11111101
—
—
T > 200 °C
—
11111110
—
—
T > 200 °C
—
11111111
—
—
T > 200 °C
—
Table 38. Set point voltage (8 bits) – version B and C
Voltage code
Voltage value (± 100 mV at 25 °C)
Voltage code
Voltage value (± 100 mV at 25 °C)
00000000
10.6
10000000
13.8
00000001
10.625
10000001
13.825
00000010
10.65
10000010
13.85
00000011
10.675
10000011
13.875
00000100
10.7
10000100
13.9
00000101
10.725
10000101
13.925
00000110
10.75
10000110
13.95
00000111
10.775
10000111
13.975
00001000
10.8
10001000
14
00001001
10.825
10001001
14.025
00001010
10.85
10001010
14.05
00001011
10.875
10001011
14.075
00001100
10.9
10001100
14.1
00001101
10.925
10001101
14.125
00001110
10.95
10001110
14.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com