Electronic Components Datasheet Search
  English  ▼

X  

AR6000 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # AR6000
Description  Alternator regulator with LIN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AR6000 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button AR6000 Datasheet HTML 9Page - NXP Semiconductors AR6000 Datasheet HTML 10Page - NXP Semiconductors AR6000 Datasheet HTML 11Page - NXP Semiconductors AR6000 Datasheet HTML 12Page - NXP Semiconductors AR6000 Datasheet HTML 13Page - NXP Semiconductors AR6000 Datasheet HTML 14Page - NXP Semiconductors AR6000 Datasheet HTML 15Page - NXP Semiconductors AR6000 Datasheet HTML 16Page - NXP Semiconductors AR6000 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
NXP Semiconductors
AR6000
Alternator regulator with LIN
AR6000
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Data sheet: advance information
Rev. 5.1 — 12 October 2017
13 / 103
Figure 7. Tolerance (mA) vs. excitation current (A)
10.3 Logic and control
10.3.1 Digital
The digital block gathers all the digital functions of the device. The main functionality is
described in Section 11 "Functional device operation".
10.3.2 Clock
This block is the clock reference for all digital blocks. When the regulator has woken, two
frequencies are provided: 8 MHz and a derived 4 MHz.
10.3.3 OTP
This block allows easy configuration and adjustment of the circuit. A large number of fuse
bits can be programmed either by NXP or by customer at end of line. They are listed in
Table 56.
10.3.4 Phase low and high
The phase detector monitors the phase input and sends filtered low and high levels to the
main logic when the phase signal is ok for regulation or for self-start.
10.3.5 ADC
The analog to digital converter is used in the voltage regulation loop for voltage and
temperature measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com