Electronic Components Datasheet Search
  English  ▼

X  

AR6000 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # AR6000
Description  Alternator regulator with LIN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AR6000 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button AR6000 Datasheet HTML 86Page - NXP Semiconductors AR6000 Datasheet HTML 87Page - NXP Semiconductors AR6000 Datasheet HTML 88Page - NXP Semiconductors AR6000 Datasheet HTML 89Page - NXP Semiconductors AR6000 Datasheet HTML 90Page - NXP Semiconductors AR6000 Datasheet HTML 91Page - NXP Semiconductors AR6000 Datasheet HTML 92Page - NXP Semiconductors AR6000 Datasheet HTML 93Page - NXP Semiconductors AR6000 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 103 page
background image
NXP Semiconductors
AR6000
Alternator regulator with LIN
AR6000
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Data sheet: advance information
Rev. 5.1 — 12 October 2017
90 / 103
Table 60. Battery voltage microcuts
Data
Description
Min.
Typ.
Max.
Unit
T
Minimum time between two undervoltage events
250
—
1000
µs
tMIN_UNDER_V
Minimal undervoltage time the regulator must withstand
whatever the T°C
40
—
—
µs
VB+A_THRESHOLD B+A undervoltage threshold
0
—
5.0
V
If timing between two such undervoltage events is shorter than 250 µs, logic registers
may reset, resulting in loss of register content.
Below 5.0 V, most analog blocks are disabled (main logic clock, regulation loop,
excitation driver, LIN transceiver). Main logic is supplied as long as battery voltage is
higher than 3.0 V.
20 Behavior without battery
In case of a battery disconnection from the alternator output, the regulator maintains the
alternator voltage within the range of VREAL ± 0.5 V.
Table 61. Behavior without battery
Data
Description
Min.
Typ.
Max.
Unit
DC_VWITHOUT_BATT Additional tolerance in case of operation without battery
V_Real
– 0.5
V_real
V_real
+ 0.5
V
21 Thermal compensation
This function is activated when the internal temperature is above the thermal threshold
(selectable by a fuse, from 125 °C to160 °C). In this case, the voltage set point is fixed
by LIN or by default is decreased to reduce internal temperature. The derating is also
selectable by a fuse (from –50 mV/°C to –400 mV/°C).
Figure 15. Thermal compensation
22 Protection and diagnosis features
22.1 Fault detection
General Notes
All fault reporting passes through a digital filter to avoid false indication problems, this
deglitching time is selectable by fuse from 50 to 1000 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com