Electronic Components Datasheet Search
  English  ▼

X  

AR6000 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # AR6000
Description  Alternator regulator with LIN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AR6000 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button AR6000 Datasheet HTML 36Page - NXP Semiconductors AR6000 Datasheet HTML 37Page - NXP Semiconductors AR6000 Datasheet HTML 38Page - NXP Semiconductors AR6000 Datasheet HTML 39Page - NXP Semiconductors AR6000 Datasheet HTML 40Page - NXP Semiconductors AR6000 Datasheet HTML 41Page - NXP Semiconductors AR6000 Datasheet HTML 42Page - NXP Semiconductors AR6000 Datasheet HTML 43Page - NXP Semiconductors AR6000 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 103 page
background image
NXP Semiconductors
AR6000
Alternator regulator with LIN
AR6000
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Data sheet: advance information
Rev. 5.1 — 12 October 2017
40 / 103
Voltage code
Voltage value (± 100 mV at 25 °C)
Voltage code
Voltage value (± 100 mV at 25 °C)
00001111
10.975
10001111
14.175
00010000
11
10010000
14.2
00010001
11.025
10010001
14.225
00010010
11.05
10010010
14.25
00010011
11.075
10010011
14.275
00010100
11.1
10010100
14.3
00010101
11.125
10010101
14.325
00010110
11.15
10010110
14.35
00010111
11.175
10010111
14.375
00011000
11.2
10011000
14.4
00011001
11.225
10011001
14.425
00011010
11.25
10011010
14.45
00011011
11.275
10011011
14.475
00011100
11.3
10011100
14.5
00011101
11.325
10011101
14.525
00011110
11.35
10011110
14.55
00011111
11.375
10011111
14.575
00100000
11.4
10100000
14.6
00100001
11.425
10100001
14.625
00100010
11.45
10100010
14.65
00100011
11.475
10100011
14.675
00100100
11.5
10100100
14.7
00100101
11.525
10100101
14.725
00100110
11.55
10100110
14.75
00100111
11.575
10100111
14.775
00101000
11.6
10101000
14.8
00101001
11.625
10101001
14.825
00101010
11.65
10101010
14.85
00101011
11.675
10101011
14.875
00101100
11.7
10101100
14.9
00101101
11.725
10101101
14.925
00101110
11.75
10101110
14.95
00101111
11.775
10101111
14.975
00110000
11.8
10110000
15
00110001
11.825
10110001
15.025
00110010
11.85
10110010
15.05
00110011
11.875
10110011
15.075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com