Electronic Components Datasheet Search
  English  ▼

X  

AR6000 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # AR6000
Description  Alternator regulator with LIN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AR6000 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button AR6000 Datasheet HTML 67Page - NXP Semiconductors AR6000 Datasheet HTML 68Page - NXP Semiconductors AR6000 Datasheet HTML 69Page - NXP Semiconductors AR6000 Datasheet HTML 70Page - NXP Semiconductors AR6000 Datasheet HTML 71Page - NXP Semiconductors AR6000 Datasheet HTML 72Page - NXP Semiconductors AR6000 Datasheet HTML 73Page - NXP Semiconductors AR6000 Datasheet HTML 74Page - NXP Semiconductors AR6000 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 103 page
background image
NXP Semiconductors
AR6000
Alternator regulator with LIN
AR6000
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Data sheet: advance information
Rev. 5.1 — 12 October 2017
71 / 103
Chip temperature
Value (± 10 °C)
Chip temperature
Value (± 10 °C)
01101001
65
11101001
193
01101010
66
11101010
194
01101011
67
11101011
195
01101100
68
11101100
196
01101101
69
11101101
197
01101110
70
11101110
198
01101111
71
11101111
199
01110000
72
11110000
200
01110001
73
11110001
200
01110010
74
11110010
200
01110011
75
11110011
200
01110100
76
11110100
200
01110101
77
11110101
200
01110110
78
11110110
200
01110111
79
11110111
200
01111000
80
11111000
200
01111001
81
11111001
200
01111010
82
11111010
200
01111011
83
11111011
200
01111100
84
11111100
200
01111101
85
11111101
200
01111110
86
11111110
200
01111111
87
11111111
200
Table 51. Temperature measurement (6 bits) - version D
T °C code
Temperature (± 10 °C)
T °C code
Temperature (± 10 °C)
00000000
–40
10000000
72
00000001
–36.5
10000001
75.5
00000010
–33
10000010
79
00000011
–29.5
10000011
82.5
00000100
–26
10000100
86
00000101
–22.5
10000101
89.5
00000110
–19
10000110
93
00000111
–15.5
10000111
96.5
00001000
–12
10001000
100
00001001
–8.5
10001001
103.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com