| Electronic Components Datasheet Search |
|
AR6000 Datasheet(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
AR6000 Datasheet(HTML) 12 Page - NXP Semiconductors |
|
12 / 103 page ![]() NXP Semiconductors AR6000 Alternator regulator with LIN AR6000 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2017. All rights reserved. Data sheet: advance information Rev. 5.1 — 12 October 2017 12 / 103 9.2.3 Ground pin (GND) The AR6000 has one GND pin. 9.2.4 Supply voltage (B+A) The AR6000 is supplied by this B+A pin. This voltage is also used as the feedback voltage by the regulation loop. 9.2.5 Excitation (EXC) This pin is connected to the excitation coil (rotor) of the alternator. The IC supplies a current via a high side driver to the rotor in order to control the output current of the alternator when load varies so as to maintain battery voltage at defined set point. 10 Functional internal block description 10.1 Supply voltage: filter/divider, bandgap, POR An input filter and divider provides an image of the battery voltage to the internal ADC, which sends the converted value to the digital regulation loop circuit. The supply block provides the voltages for the internal blocks of the AR6000. • Main logic • All analog blocks (in wake-up and in standby modes) • LIN transceiver • Charge pump The purpose of the POR block is to generate a clean reset to the main logic. When a Power-On-Reset occurs, device internal registers are reset and the device goes into stand by mode. The Bandgap block provides the voltage and current references for the other blocks. 10.2 Power stage: charge pump, drive and protection, current measurement The power stage of the circuit consists of the gate driver with a charge pump and protection to control the internal N-channel power MOSFET switching a high-side driver. A short-circuit is instantaneously detected and the excitation current is turned off until the next regulation cycle. A freewheeling diode is inserted between the EXC and GND pins, across the excitation coil for the energy recirculation. The current measurement block provides a value of the excitation current flowing in the high-side switch. The tolerance of the current value is defined according to Figure 7. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |