Electronic Components Datasheet Search
  English  ▼

X  

KW41Z Datasheet(PDF) 21 Page - NXP Semiconductors

Part # KW41Z
Description  2.4 GHz Bluetooth Low Energy ver. 4.2 compliantsupporting up to 2 simultaneous hardware connections
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KW41Z Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button KW41Z Datasheet HTML 17Page - NXP Semiconductors KW41Z Datasheet HTML 18Page - NXP Semiconductors KW41Z Datasheet HTML 19Page - NXP Semiconductors KW41Z Datasheet HTML 20Page - NXP Semiconductors KW41Z Datasheet HTML 21Page - NXP Semiconductors KW41Z Datasheet HTML 22Page - NXP Semiconductors KW41Z Datasheet HTML 23Page - NXP Semiconductors KW41Z Datasheet HTML 24Page - NXP Semiconductors KW41Z Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
4.2.3 Other Channel Plans
The RF synthesizer can be configured to use any channel frequency between 2.36 and
2.487 GHz.
4.3 Transceiver Functions
Receive
The receiver architecture is Zero IF (ZIF) where the received signal after passing
through RF front end is down-converted to a baseband signal. The signal is filtered
and amplified before it is fed to analog-to-digital converter. The digital signal is then
decimated to a baseband clock frequency before it is digitally processed, demodulated
and passed on to packet processing/link-layer processing.
Transmit
The transmitter transmits O-QPSK or GFSK/FSK modulation having power and
channel selection adjustment per user application. After the channel of operation is
determined, coarse and fine tuning is executed within the Frac-N PLL to engage
signal lock. After signal lock is established, the modulated buffered signal is then
routed to a multi-stage amplifier for transmission. The differential signals at the output
of the PA (RF_P, RF_N) are converted to a single ended(SE) output signal by an on-
chip balun.
5 Transceiver Electrical Characteristics
5.1 Radio operating conditions
Table 4. Radio operating conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Input Frequency
fin
2.360
—
2.480
GHz
Ambient Temperature Range
TA
-40
25
105
°C
Logic Input Voltage Low
VIL
0
—
30%
VDDINT
1
V
Table continues on the next page...
Transceiver Electrical Characteristics
MKW41Z/31Z/21Z Data Sheet, Rev. 4, 03/2018
21
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com