Electronic Components Datasheet Search
  English  ▼

X  

KW41Z Datasheet(PDF) 30 Page - NXP Semiconductors

Part # KW41Z
Description  2.4 GHz Bluetooth Low Energy ver. 4.2 compliantsupporting up to 2 simultaneous hardware connections
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KW41Z Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button KW41Z Datasheet HTML 26Page - NXP Semiconductors KW41Z Datasheet HTML 27Page - NXP Semiconductors KW41Z Datasheet HTML 28Page - NXP Semiconductors KW41Z Datasheet HTML 29Page - NXP Semiconductors KW41Z Datasheet HTML 30Page - NXP Semiconductors KW41Z Datasheet HTML 31Page - NXP Semiconductors KW41Z Datasheet HTML 32Page - NXP Semiconductors KW41Z Datasheet HTML 33Page - NXP Semiconductors KW41Z Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
Depending on the stop requirements of the user application, a variety of stop modes are
available that provide state retention, partial power down or full power down of certain
logic and/or memory. I/O states are held in all modes of operation. The following table
compares the various power modes available.
For each run mode there is a corresponding wait and stop mode. Wait modes are similar
to ARM sleep modes. Stop modes (VLPS, STOP) are similar to ARM sleep deep mode.
The very low power run (VLPR) operating mode can drastically reduce runtime power
when the maximum bus frequency is not required to handle the application needs.
The three primary modes of operation are run, wait and stop. The WFI instruction
invokes either wait or stop depending on the SLEEPDEEP bit in Cortex-M0+ System
Control Register. The primary modes are augmented in a number of ways to provide
lower power based on application needs.
Table 9. Power modes (At 25 deg C)
Power mode
Description
CPU
recovery
method
Radio
Normal Run (all
peripherals clock off)
Allows maximum performance of chip.
—
Radio can be active
Normal Wait - via WFI Allows peripherals to function, while allowing CPU to
go to sleep reducing power.
Interrupt
Normal Stop - via
WFI
Places chip in static state. Lowest power mode that
retains all registers while maintaining LVD protection.
Interrupt
PStop2 (Partial Stop
2)
Core and system clocks are gated. Bus clock
remains active. Masters and slaves clocked by bus
clock remain in Run or VLPRun mode. The clock
generators in MCG and the on-chip regulator in the
PMC also remain in Run or VLPRun mode.
Interrupt
PStop1 (Partial Stop
1)
Core, system clocks and bus clock are gated. All bus
masters and slaves enter Stop mode. The clock
generators in MCG and the on-chip regulator in the
PMC also remain in Run or VLPRun mode.
Interrupt
VLPR (Very Low
Power Run) (all
peripherals off)
Reduced frequency (1MHz) Flash access mode,
regulator in low power mode, LVD off. Internal
oscillator can provide low power 4 MHz source for
core. (Values @2MHz core/ 1MHz bus and flash,
module off, execution from flash).
Biasing is disabled when DC-DC is configured for
continuous mode in VLPR/W
—
Radio operation is possible
only when DC-DC is
configured for continuous
mode.1 However, there may
be insufficient MIPS with a
4MHz MCU to support much
in the way of radio operation.
VLPW (Very Low
Power Wait) - via WFI
(all peripherals off)
Similar to VLPR, with CPU in sleep to further reduce
power. (Values @4MHz core/ 1MHz bus, module off)
Biasing is disabled when DC-DC is configured for
continous mode in VLPR/W
Interrupt
Table continues on the next page...
System and Power Management
30
MKW41Z/31Z/21Z Data Sheet, Rev. 4, 03/2018
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com