Electronic Components Datasheet Search
  English  ▼

X  

KW41Z Datasheet(PDF) 39 Page - NXP Semiconductors

Part # KW41Z
Description  2.4 GHz Bluetooth Low Energy ver. 4.2 compliantsupporting up to 2 simultaneous hardware connections
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KW41Z Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button KW41Z Datasheet HTML 35Page - NXP Semiconductors KW41Z Datasheet HTML 36Page - NXP Semiconductors KW41Z Datasheet HTML 37Page - NXP Semiconductors KW41Z Datasheet HTML 38Page - NXP Semiconductors KW41Z Datasheet HTML 39Page - NXP Semiconductors KW41Z Datasheet HTML 40Page - NXP Semiconductors KW41Z Datasheet HTML 41Page - NXP Semiconductors KW41Z Datasheet HTML 42Page - NXP Semiconductors KW41Z Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
Table 15. Power consumption operating behaviors - Buck Mode (continued)
Symbol
Description
Typ.
Max.
Unit
Notes
IDD_RUNCO Run mode current in compute operation - 48 MHz
core / 24 MHz flash / bus clock disabled, code of
while(1) loop executing from flash at 3.0 V
3.1
—
mA
2
IDD_RUN
Run mode current - 48 MHz core / 24 MHz bus and
flash, all peripheral clocks disabled, code of while(1)
loop executing from flash at 3.0 V
3.85
—
mA
2
IDD_RUN
Run mode current - 48 MHz core / 24 MHz bus and
flash, all peripheral clocks enabled, code of while(1)
loop executing from flash at 3.0 V
at 25 °C
at 85 °C
at 105 °C
4.8
5.3
5.7
—
—
—
mA
mA
mA
2, 3
IDD_WAIT
Wait mode current - core disabled / 48 MHz system /
24 MHz bus / flash disabled (flash doze enabled), all
peripheral clocks disabled at 3.0 V
3.1
—
mA
2
IDD_WAIT
Wait mode current - core disabled / 24 MHz system /
24 MHz bus / flash disabled (flash doze enabled), all
peripheral clocks disabled at 3.0 V
2.9
—
mA
2
IDD_PSTOP2 Stop mode current with partial stop 2 clocking option
- core and system disabled / 10.5 MHz bus at 3.0 V
1.9
—
mA
2
IDD_VLPRCO Very-low-power run mode current in compute
operation - 4 MHz core / 0.8 MHz flash / bus clock
disabled, code of while(1) loop executing from flash
at 3.0 V
137
—
μA
4
IDD_VLPR
Very-low-power run mode current - 4 MHz core / 0.8
MHz bus and flash, all peripheral clocks disabled,
code of while(1) loop executing from flash at 3.0 V
154
—
μA
-1
IDD_VLPR
Very-low-power run mode current - 4 MHz core / 0.8
MHz bus and flash, all peripheral clocks enabled,
code of while(1) loop executing from flash at 3.0 V
216
—
μA
3, 4
IDD_VLPW
Very-low-power wait mode current - core disabled / 4
MHz system / 0.8 MHz bus / flash disabled (flash
doze enabled), all peripheral clocks disabled at 3.0 V
131
—
μA
4
IDD_STOP
Stop mode current at 3.0 V
at 25 °C
at 70 °C
at 105 °C
1.61
1.73
2.02
2.32
4.35
4.68
mA
mA
mA
IDD_VLPS
Very-low-power stop mode current at Buck mode(3.0
V),
at 25 °C
at 70 °C
at 105 °C
3.58
15.08
116.94
14.98
37.27
244.30
μA
μA
μA
IDD_LLS3
Low-leakage stop mode 3 current at Buck mode(3.0
V),
Table continues on the next page...
MCU Electrical Characteristics
MKW41Z/31Z/21Z Data Sheet, Rev. 4, 03/2018
39
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com