Electronic Components Datasheet Search
  English  ▼

X  

KW41Z Datasheet(PDF) 49 Page - NXP Semiconductors

Part # KW41Z
Description  2.4 GHz Bluetooth Low Energy ver. 4.2 compliantsupporting up to 2 simultaneous hardware connections
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KW41Z Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button KW41Z Datasheet HTML 45Page - NXP Semiconductors KW41Z Datasheet HTML 46Page - NXP Semiconductors KW41Z Datasheet HTML 47Page - NXP Semiconductors KW41Z Datasheet HTML 48Page - NXP Semiconductors KW41Z Datasheet HTML 49Page - NXP Semiconductors KW41Z Datasheet HTML 50Page - NXP Semiconductors KW41Z Datasheet HTML 51Page - NXP Semiconductors KW41Z Datasheet HTML 52Page - NXP Semiconductors KW41Z Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
7.4.2 Thermal attributes
Table 23. Thermal attributes
Board type
Symbol
Description
48-pin
Laminate
QFN
75-pin
WLCSP
Unit
Notes
Single-layer (1S)
RθJA
Thermal resistance, junction to
ambient (natural convection)
59.3
106.7
°C/W
2, 1
Four-layer (2s2p)
RθJA
Thermal resistance, junction to
ambient (natural convection)
42.9
57.2
°C/W
2, 1
Single-layer (1S)
RθJMA
Thermal resistance, junction to
ambient (200 ft./min. air speed)
51.6
88.0
°C/W
2, 1
Four-layer (2s2p)
RθJMA
Thermal resistance, junction to
ambient (200 ft./min. air speed)
38.9
51.7
°C/W
2, 1
—
RθJB
Thermal resistance, junction to
board
37.7
24.7
°C/W
3
—
RθJC
Thermal resistance, junction to
case
0.48
4.3
°C/W
4
—
ΨJT
Thermal characterization
parameter, junction to package top
outside center (natural convection)
0.2
0.2
°C/W
5
—
RθJB_CSB Thermal characterization
parameter, junction to package
bottom outside center (natural
convection)
—
13.7
°C/W
6
1. Determined according to JEDEC Standard JESD51-2, Integrated Circuits Thermal Test Method Environmental
Conditions—Natural Convection (Still Air), or EIA/JEDEC Standard JESD51-6, Integrated Circuit Thermal Test
Method Environmental Conditions—Forced Convection (Moving Air).
2. Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3. Determined according to JEDEC Standard JESD51-8, Integrated Circuit Thermal Test Method Environmental
Conditions—Junction-to-Board. Board temperature is measured on the top surface of the board near the package.
4. Determined according to Method 1012.1 of MIL-STD 883, Test Method Standard, Microcircuits, with the cold plate
temperature used for the case temperature. The value includes the thermal resistance of the interface material
between the top of the package and the cold plate.
5. Determined according to JEDEC Standard JESD51-2, Integrated Circuits Thermal Test Method Environmental
Conditions—Natural Convection (Still Air).
6. Thermal resistance between the die and the central solder balls on the bottom of the package based on simulation.
7.5 Peripheral operating requirements and behaviors
7.5.1 Core modules
MCU Electrical Characteristics
MKW41Z/31Z/21Z Data Sheet, Rev. 4, 03/2018
49
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com