Electronic Components Datasheet Search
  English  ▼

X  

KW41Z Datasheet(PDF) 84 Page - NXP Semiconductors

Part # KW41Z
Description  2.4 GHz Bluetooth Low Energy ver. 4.2 compliantsupporting up to 2 simultaneous hardware connections
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KW41Z Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button KW41Z Datasheet HTML 80Page - NXP Semiconductors KW41Z Datasheet HTML 81Page - NXP Semiconductors KW41Z Datasheet HTML 82Page - NXP Semiconductors KW41Z Datasheet HTML 83Page - NXP Semiconductors KW41Z Datasheet HTML 84Page - NXP Semiconductors KW41Z Datasheet HTML 85Page - NXP Semiconductors KW41Z Datasheet HTML 86Page - NXP Semiconductors KW41Z Datasheet HTML 87Page - NXP Semiconductors KW41Z Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
8.3.2 Radio Modules
This section contains tables describing the radio signals.
Table 55. Radio Module Signal Descriptions
SoC Signal Name
Module Signal Name
Description
I/O
ANT
ANT
Antenna
O
GANT
GANT
Antenna ground
I
BLE_RF_ACTIVE
BLE_RF_ACTIVE
Signal to indicate future BLE
activity. Refer BLE Link Layer
for more details.
O
RF_NOT_ALLOWED
RF_NOT_ALLOWED
Radio off signal, intended for
WiFi coexistence control
I
RF_RESET
RF_RESET
Radio reset signal
I
DTM_RX
DTM_RX
Direct Test Mode Receive
I
DTM_TX
DTM_TX
Direct Test Mode Transmit
O
BSM_CLK
BSM_CLK
Bit Streaming Mode (BSM)
Clock signal, 802.15.4 packet
data stream clock line
O
BSM_FRAME
BSM_FRAME
Bit Streaming Mode Frame
signal, 802.15.4 packet data
stream frame line
O
BSM_DATA
BSM_DATA
Bit Streaming Mode Data
signal, 802.15.4 packet data
stream data line
I/O
ANT_A
ANT_A
Antenna selection A for Front
End Module support
O
ANT_B
ANT_B
Antenna selection B for Front
End Module support
O
TX_SWITCH
TX_SWITCH
Front End Module Transmit
mode signal
O
RX_SWITCH
RX_SWITCH
Front End Module Receive
mode signal
O
8.3.3 System Modules
This section contains tables describing the system signals.
Table 56. System Module Signal Descriptions
SoC Signal Name
Module Signal Name
Description
I/O
NMI_b
—
Non-maskable interrupt
I
RESET_b
—
Reset bidirectional signal
I/O
VDD_[1:0]
VDD
Power supply
I
Table continues on the next page...
Pin Diagrams and Pin Assignments
84
MKW41Z/31Z/21Z Data Sheet, Rev. 4, 03/2018
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com