Electronic Components Datasheet Search
  English  ▼

X  

AD9557 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9557
Description  Dual Input Multiservice Line Card Adaptive Clock Translator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9557 Datasheet HTML 28Page - Analog Devices AD9557 Datasheet HTML 29Page - Analog Devices AD9557 Datasheet HTML 30Page - Analog Devices AD9557 Datasheet HTML 31Page - Analog Devices AD9557 Datasheet HTML 32Page - Analog Devices AD9557 Datasheet HTML 33Page - Analog Devices AD9557 Datasheet HTML 34Page - Analog Devices AD9557 Datasheet HTML 35Page - Analog Devices AD9557 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
AD9557
Data Sheet
Rev. C | Page 32 of 95
valid reference. When both references have the same priority,
REFA gets preference over REFB. However, the reference position
is used only as a tie-breaker and does not initiate a reference switch.
The following list gives an overview of the five operating modes:
•
Automatic revertive mode. The device selects the highest
priority valid reference and switches to a higher priority
reference if it becomes available, even if the reference in use
is still valid. In this mode, the user reference is ignored.
•
Automatic non-revertive mode. The device stays with the
currently selected reference as long as it is valid, even if
a higher priority reference becomes available. The user
reference is ignored in this mode.
•
Manual with automatic fallback mode. The device uses the
user reference for as long as it is valid. If it becomes invalid,
the reference input with the highest priority is chosen in
accordance with the priority-based algorithm.
•
Manual with holdover mode. The user reference is the
active reference until it becomes invalid. At that point,
the device automatically goes into holdover.
•
Manual mode without holdover. The user reference is the
active reference, regardless of whether or not it is valid.
The user also has the option to force the device directly into
holdover or free run operation via the user holdover and user
free run bits. In free run mode, the free run frequency tuning
word register defines the free run output frequency. In holdover
mode, the output frequency depends on the holdover control
settings (see the Holdover section).
Phase Build-Out Reference Switching
The AD9557 supports phase build-out reference switching,
which is the term given to a reference switchover that completely
masks any phase difference between the previous reference and
the new reference. That is, there is virtually no phase change
detectable at the output when a phase build-out switchover occurs.
DIGITAL PLL (DPLL) CORE
DPLL Overview
A diagram of the DPLL core of the AD9557 appears in Figure 39.
The phase/frequency detector, feedback path, lock detectors,
phase offset, and phase slew rate limiting that comprise this second
generation DPLL are all digital implementations.
The start of the DPLL signal chain is the reference signal, fR,
which is the frequency of the reference input. A reference prescaler
reduces the frequency of this signal by an integer factor, R + 1,
where R is the 20-bit value stored in the appropriate profile register
and 0 ≤ R ≤ 1,048,575. Therefore, the frequency at the output
of the R divider (or the input to the time-to-digital converter
(TDC)) is
1
+
=
R
f
f
R
TDC
DIGITAL
LOOP
FILTER
÷N1
R DIVIDER
(20-BIT)
23-BIT/23-BIT
RESOLUTION
FRAC1/
MOD1
17-BIT
INTEGER
TUNING
WORD
CLAMP
AND
HISTORY
×2
FREE RUN
TW
+
SYSTEM
CLOCK
FROM APLL
FROM
REF
INPUT
MUX
TO APLL
Figure 39. Digital PLL Core
A TDC samples the output of the R divider. The TDC/PFD
produces a time series of digital words and delivers them to the
digital loop filter. The digital loop filter offers the following
advantages:
•
Determination of the filter response by numeric
coefficients rather than by discrete component values
•
The absence of analog components (R/L/C), which
eliminates tolerance variations due to aging
•
The absence of thermal noise associated with analog
components
•
The absence of control node leakage current associated
with analog components (a source of reference feed-
through spurs in the output spectrum of a traditional
analog PLL)
The digital loop filter produces a time series of digital words at
its output and delivers them to the frequency tuning input of
a Σ-Δ modulator (SDM). The digital words from the loop filter
steer the DCO frequency toward frequency and phase lock with
the input signal (fTDC).
The DPLL includes a feedback divider that causes the digital
loop to operate at an integer-plus-fractional multiple. The
output of the DPLL is


+
+
×
=
MOD1
FRAC1
N1
f
f
TDC
DPLL
OUT
)
1
(
_
where:
N1 is the 17-bit value stored in the appropriate profile registers
(Register 0x0715 to Register 0x0717 for REFA).
FRAC1 and MOD1 are the 23-bit numerators and denominators
of the fractional feedback divider block.
The fractional portion of the feedback divider can be bypassed by
setting FRAC1 to 0, but MOD1 must never be 0.
The DPLL output frequency is usually 175 MHz to 200 MHz for
optimal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com