Electronic Components Datasheet Search
  English  ▼

X  

AD9557 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9557
Description  Dual Input Multiservice Line Card Adaptive Clock Translator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9557 Datasheet HTML 12Page - Analog Devices AD9557 Datasheet HTML 13Page - Analog Devices AD9557 Datasheet HTML 14Page - Analog Devices AD9557 Datasheet HTML 15Page - Analog Devices AD9557 Datasheet HTML 16Page - Analog Devices AD9557 Datasheet HTML 17Page - Analog Devices AD9557 Datasheet HTML 18Page - Analog Devices AD9557 Datasheet HTML 19Page - Analog Devices AD9557 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 95 page
background image
AD9557
Data Sheet
Rev. C | Page 16 of 95
Jitter generation (random jitter) uses 19.2 MHz TCXO for system clock input.
Table 18.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
JITTER GENERATION
System clock doubler enabled; high phase
margin mode enabled; Register 0x0405 = 0x20;
Register 0x0403 = 0x07; Register 0x0400 = 0x81;
in cases where multiple driver types are listed,
both driver types were tested at those conditions,
and the one with higher jitter is quoted, although
there is usually not a significant jitter difference
between the driver types
fREF = 19.44 MHz; fOUT = 644.53 MHz; fLOOP = 0.1 Hz;
HSTL Driver
Bandwidth: 5 kHz to 20 MHz
402
fs rms
Bandwidth: 12 kHz to 20 MHz
393
fs rms
Bandwidth: 20 kHz to 80 MHz
391
fs rms
Bandwidth: 50 kHz to 80 MHz
347
fs rms
Bandwidth: 16 MHz to 320 MHz
179
fs rms
fREF = 19.44 MHz; fOUT = 693.48 MHz; fLOOP = 0.1 Hz;
HSTL Driver
Bandwidth: 5 kHz to 20 MHz
379
fs rms
Bandwidth: 12 kHz to 20 MHz
371
fs rms
Bandwidth: 20 kHz to 80 MHz
371
fs rms
Bandwidth: 50 kHz to 80 MHz
335
fs rms
Bandwidth: 16 MHz to 320 MHz
175
fs rms
fREF = 19.44 MHz; fOUT = 312.5 MHz; fLOOP = 0.1 Hz;
HSTL Driver
Bandwidth: 5 kHz to 20 MHz
413
fs rms
Bandwidth: 12 kHz to 20 MHz
404
fs rms
Bandwidth: 20 kHz to 80 MHz
407
fs rms
Bandwidth: 50 kHz to 80 MHz
358
fs rms
Bandwidth: 4 MHz to 80 MHz
142
fs rms
fREF = 25 MHz; fOUT = 161.1328 MHz; fLOOP = 0.1 Hz;
HSTL Driver
Bandwidth: 5 kHz to 20 MHz
399
fs rms
Bandwidth: 12 kHz to 20 MHz
391
fs rms
Bandwidth: 20 kHz to 80 MHz
414
fs rms
Bandwidth: 50 kHz to 80 MHz
376
fs rms
Bandwidth: 4 MHz to 80 MHz
190
fs rms
fREF = 2 kHz; fOUT = 70.656 MHz; fLOOP = 0.1 Hz;
HSTL and/or 3.3 V CMOS Driver
Bandwidth: 10 Hz to 30 MHz
970
fs rms
Bandwidth: 12 kHz to 20 MHz
404
fs rms
Bandwidth: 10 kHz to 400 kHz
374
fs rms
Bandwidth: 100 kHz to 10 MHz
281
fs rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com