Electronic Components Datasheet Search
  English  ▼

X  

AD9557 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9557
Description  Dual Input Multiservice Line Card Adaptive Clock Translator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557 Datasheet(HTML) 3 Page - Analog Devices

  AD9557 Datasheet HTML 1Page - Analog Devices AD9557 Datasheet HTML 2Page - Analog Devices AD9557 Datasheet HTML 3Page - Analog Devices AD9557 Datasheet HTML 4Page - Analog Devices AD9557 Datasheet HTML 5Page - Analog Devices AD9557 Datasheet HTML 6Page - Analog Devices AD9557 Datasheet HTML 7Page - Analog Devices AD9557 Datasheet HTML 8Page - Analog Devices AD9557 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 95 page
background image
Data Sheet
AD9557
Rev. C | Page 3 of 95
IRQ Mask (Register 0x020A to Register 0x020F)...................71
 
DPLL Configuration (Register 0x0300 to Register 0x032E).......72
 
Output PLL Configuration (Register 0x0400 to
Register 0x0408)..........................................................................75
 
Output Clock Distribution (Register 0x0500 to
Register 0x0515)..........................................................................77
 
Reference Inputs (Register 0x0600 to Register 0x0602) ........79
 
DPLL Profile Registers (Register 0x0700 to
Register 0x0766)..........................................................................79
 
Operational Controls (Register 0x0A00 to
Register 0x0A0D)........................................................................82
 
Quick In/Out Frequency Soft Pin Configuration
(Register 0x0C00 to Register 0x0C08) .....................................85
 
Status Readback (Register 0x0D00 to Register 0x0D14) .......86
 
EEPROM Control (Register 0x0E00 to Register 0x0E3C)....... 89
 
EEPROM Storage Sequence (Register 0x0E10 to
Register 0x0E3C).........................................................................89
 
Outline Dimensions........................................................................95
 
Ordering Guide ...........................................................................95
 
REVISION HISTORY
9/2016—Rev. B to Rev. C
Changes to Features Section, Applications Section, and General
Description Section...........................................................................1
Change to Input Frequency Range Parameter, Table 6 ................7
Change to Common-Mode Input Voltage Parameter, Table 7.......8
Changes to Table 20 ........................................................................18
Changes to Chip Power Monitor and Startup Section and Device
Register Programming Using a Register Setup File Section......26
Added Figure 35 to Figure 37; Renumbered Sequentially .........26
Changes to Figure 38 and Overview Section...............................30
Changes to System Clock Details Section....................................35
Added RF Dividers (RF Divider 2 and RF Divider 1) Section.....38
Changes to IRQ Pin Section ..........................................................40
Changes to Table 21 ........................................................................42
Changes to Manual EEPROM Download Section, Automatic
EEPROM Download Section, and Table 22 ................................43
Changes to EEPROM Conditional Processing Section..............44
Changes to Programming the EEPROM to Configure an M Pin
to Control Synchronization of Clock Distribution Section.......46
Changes to Power Supply Partitions Section and Use of Ferrite
Beads on 1.8 V Supplies Section....................................................56
Changes to Table 35 ........................................................................59
Added Note 1, Table 44 ..................................................................69
Changes to Table 47 ........................................................................70
Changes to Table 64 ........................................................................75
Changes to Table 65 ........................................................................76
Changes to Table 83 and Table 84 .................................................81
Changes to Status Readback (Register 0x0D00 to
Register 0x0D14) Section and Table 99........................................86
Added Note 1, Table 107 ................................................................88
Changes to Table 110 ......................................................................89
5/2013—Rev. A to Rev. B
Change to Register 0x0101, Bit 4; Table 35..................................56
Changes to Bit 4; Table 43 ..............................................................66
3/2012—Rev. 0 to Rev. A
Change to Output Frequency Range Parameter, Table 6 .............6
Changes to Test Conditions/Comments Column, Table 9 ..........8
Changed Name of Pin 21 in Figure 2............................................17
Changes to Table 20 ........................................................................18
Changes to Chip Power Monitor and Startup, Device Register
Programming Using a Register Setup File, and Registers That
Differ from the Defaults for Optimal Performance Sections....25
Changes to Initialize and Calibrate the Output PLL (APLL)
Section ..............................................................................................26
Changes to Program the Reference Profiles Section; Changed
Lock the Digital PLL Section Name to Generate the Reference
Acquisition; Changes to Generate the Reference Acquisition
Section ..............................................................................................27
Changes to Figure 35; Changed 225 MHz to 200 MHz and
3.45 GHz to 3.35 GHz in Overview Section................................28
Changed 180 MHz to 175 MHz in DPLL Overview Section ....30
Changed DPLL Output Frequency to DCO Frequency
Throughout; Changes to Programmable Digital Loop Filter
Section ..............................................................................................31
Changes to System Clock Inputs Section.....................................33
Changed VCO2 Lower Frequency to 3.35 GHz in Figure 39;
Changes to Output PLL (APLL) Section .....................................35
Changed 1024 to 1023 in Clock Dividers Section;
Changes to Divider Synchronization Section..............................36
Changes to the Multifunction Pins (M0 to M3) Section ...........37
Added the Programming the EEPROM to Configure an M Pin to
Control Synchronization of the Clock Distribution Section.....42
Changes to the Power Supply Partitions Section ........................53
Changed 89.5° to 88.5° in DPLL Phase Margin Section ............54
Changes to Register 0x000A, Table 35 .........................................56
Changes to Register 0x0304, Table 35 ..........................................57
Change to Default Value in Register 0x0400 and Register 0x0403;
Changes to Register 0x0405, Table 35 ..........................................58
Change to Bit 0, Register 0x070E, Table 35 .................................59
Change to Bit 6, Register 0x0D01, Table 35.................................63
Added Address 0x0E3D to Address 0xE45, Table 35 .................64
Changes to Description, Register 0x0005, Table 38;
Added Table 40, Renumbered Sequentially; Changes to
Descriptions, Register 0x000C and Register 0x000D, Table 41...65
Changes to Summary Text, Register 0x0200 to
Register 0x0209, Table 46 and Table 47........................................67
Changes to Register 0x0304, Table 54; Change to Bits[7:6],
Table 55.............................................................................................69
Changes to Table Title, Table 63; Changes to Description,
Register 0x0400 and Register 0x0403, Table 64 ..........................72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com