Electronic Components Datasheet Search
  English  ▼

X  

AD9557 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9557
Description  Dual Input Multiservice Line Card Adaptive Clock Translator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9557 Datasheet HTML 35Page - Analog Devices AD9557 Datasheet HTML 36Page - Analog Devices AD9557 Datasheet HTML 37Page - Analog Devices AD9557 Datasheet HTML 38Page - Analog Devices AD9557 Datasheet HTML 39Page - Analog Devices AD9557 Datasheet HTML 40Page - Analog Devices AD9557 Datasheet HTML 41Page - Analog Devices AD9557 Datasheet HTML 42Page - Analog Devices AD9557 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 95 page
background image
Data Sheet
AD9557
Rev. C | Page 39 of 95
The APLL lock detect signal gates the sync signal from the
channel sync block shown in Figure 43. The channel dividers
receive a sync signal from the channel sync block only if the
APLL is calibrated and locked, unless the APLL locked
controlled sync disable bit (Register 0x0405, Bit 3) is set.
A channel can be programmed to ignore the sync function by
setting the mask Channel 1 sync and mask Channel 0 sync bits
(Bits[5:4]) in Register 0x0500. When programmed to ignore the
sync, the channel ignores both the user initiated sync signal and
the zero delay initiated sync signals, and the channel divider starts
toggling, provided that the APLL is calibrated and locked, or if
the APLL locked controlled sync disable bit (Register 0x0405,
Bit 3) is set.
If the output sync function is to be controlled using an M pin,
take the following steps:
1. Enable the M pins by writing Register 0x0200 = 0x01.
2. Issue an I/O update (Register 0x0005 = 0x01).
3. Set the appropriate M pin function.
If this process is not followed, a sync pulse is issued
automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com