Electronic Components Datasheet Search
  English  ▼

X  

AD9557 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9557
Description  Dual Input Multiservice Line Card Adaptive Clock Translator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9557 Datasheet HTML 15Page - Analog Devices AD9557 Datasheet HTML 16Page - Analog Devices AD9557 Datasheet HTML 17Page - Analog Devices AD9557 Datasheet HTML 18Page - Analog Devices AD9557 Datasheet HTML 19Page - Analog Devices AD9557 Datasheet HTML 20Page - Analog Devices AD9557 Datasheet HTML 21Page - Analog Devices AD9557 Datasheet HTML 22Page - Analog Devices AD9557 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 95 page
background image
Data Sheet
AD9557
Rev. C | Page 19 of 95
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
13
OUT1
O
HSTL, LVDS, or
1.8 V CMOS
Output 1. This output can be configured as HSTL, LVDS, or single-ended 1.8 V CMOS.
LVPECL levels can be achieved by ac coupling and using the Thevenin-equivalent
termination as described in the Input/Output Termination Recommendations
section.
14, 19
AVDD3
I
Power
3.3 V Analog Power Supply.
15
OUT0
O
HSTL, LVDS,
1.8 V CMOS,
3.3 V CMOS
Complementary Output 0. This output can be configured as HSTL, LVDS, or
single-ended 1.8 V or 3.3 V CMOS.
16
OUT0
O
HSTL, LVDS,
1.8 V CMOS,
3.3 V CMOS
Output 0. This output can be configured as HSTL, LVDS, or single-ended 1.8 V
or 3.3 V CMOS. LVPECL levels can be achieved by ac coupling and using the
Thevenin-equivalent termination as described in the Input/Output Termination
Recommendations section.
20
LDO_VCO2
I
LDO bypass
Output PLL Loop Filter Voltage Regulator. Connect a 0.47 µF capacitor from this
pin to ground. This pin is also the ac ground reference for the integrated output
PLL external loop filter.
21
LF_VCO2
I/O
Loop filter
Loop Filter Node for the Output PLL. Connect an external 6.8 nF capacitor from
this pin to Pin 20 (LDO_VCO2).
25
RESET
I
3.3 V CMOS
Chip Reset. When this active low pin is asserted, the chip goes into reset.
This pin has an internal 50 kΩ pull-up resistor.
26
PINCONTROL
I
3.3 V CMOS
Pin Program Mode Enable Pin. When pulled high during startup, this pin enables
pin programming of the AD9557 configuration during startup. If this pin is low
during startup, the user must program the device via the serial port or use values
that are stored in the EEPROM.
27
SYNC
I
3.3 V CMOS
Clock Distribution Synchronization Pin. When this pin is activated, output drivers
are held static and then synchronized on a low-to-high transition of this pin. This
pin has an internal 60 kΩ pull-up resistor.
28
REFA
I
Differential
input
Reference A Input. This internally biased input is typically ac-coupled and, when
configured as such, can accept any differential signal with single-ended swing up
to 3.3 V. If dc-coupled, this input can be LVPECL, LVDS, or single-ended CMOS.
29
REFA
I
Differential
input
Complementary Reference A Input. This pin is the complementary input to Pin
28.
30, 31, 40
DVDD3
I
Power
3.3 V Digital Power Supply.
32
REFB
I
Differential
input
Reference B Input. This internally biased input is typically ac-coupled and, when
configured as such, can accept any differential signal with single-ended swing up
to 3.3 V. If dc-coupled, this input can be LVPECL, LVDS, or single-ended CMOS.
33
REFB
I
Differential
input
Complementary Reference B Input. This pin is the complementary input to Pin 32.
36, 37, 38,
39
M0, M1, M2,
M3
I/O
3.3 V CMOS
(3-level logic
at startup)
Configurable I/O Pins. These pins are 3-level logic at startup and are used for pin
strapping the input and output frequency configuration at startup. Setting
Register 0x0200, Bit 0 = 1 changes these pins to 2-level logic and allows these
pins to be used for status and control of the AD9557. These pins have both a 30
kΩ pull-up resistor and a 30 kΩ pull-down resistor.
EP
O
Exposed pad
The exposed pad must be connected to ground (VSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com