Electronic Components Datasheet Search
  English  ▼

X  

AD9557 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9557
Description  Dual Input Multiservice Line Card Adaptive Clock Translator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9557 Datasheet HTML 19Page - Analog Devices AD9557 Datasheet HTML 20Page - Analog Devices AD9557 Datasheet HTML 21Page - Analog Devices AD9557 Datasheet HTML 22Page - Analog Devices AD9557 Datasheet HTML 23Page - Analog Devices AD9557 Datasheet HTML 24Page - Analog Devices AD9557 Datasheet HTML 25Page - Analog Devices AD9557 Datasheet HTML 26Page - Analog Devices AD9557 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 95 page
background image
Data Sheet
AD9557
Rev. C | Page 23 of 95
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
60
70
80
FREQUENCY (MHz)
Figure 19. Amplitude vs. Toggle Rate with 10 pF Load,
3.3 V (Weak Mode) CMOS
30
35
40
45
50
55
60
65
70
75
0
250
500
750
1000
1250
FREQUENCY (MHz)
Figure 20. Power Consumption vs. Frequency,
HSTL Mode on Output Driver Power Supply Only (Pin 11 and Pin 17)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0
100
200
300
400
500
600
700
800
FREQUENCY (MHz)
Figure 21. Power Consumption vs. Frequency, LVDS Mode on Output Driver
Power Supply Only (Pin 11 and Pin 17)
0
10
20
30
40
50
60
70
0
50
100
150
200
FREQUENCY (MHz)
1.8V CMOS MODE
3.3V CMOS STRONG MODE
3.3V CMOS WEAK MODE
Figure 22. Power Consumption vs. Frequency, CMOS Mode on Output Driver
Power Supply Only (Pin 11 and Pin 17) for 1.8 V CMOS Mode or on Pin 19 for
3.3 V CMOS Mode, One CMOS Driver
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–1
0
1
2
3
4
5
TIME (ns)
Figure 23. Output Waveform, HSTL (400 MHz)
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–1
0
1
2
3
4
TIME (ns)
Figure 24. Output Waveform, LVDS (400 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com