Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5933
Description  1 MSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 4 Page - Analog Devices

  AD5933 Datasheet HTML 1Page - Analog Devices AD5933 Datasheet HTML 2Page - Analog Devices AD5933 Datasheet HTML 3Page - Analog Devices AD5933 Datasheet HTML 4Page - Analog Devices AD5933 Datasheet HTML 5Page - Analog Devices AD5933 Datasheet HTML 6Page - Analog Devices AD5933 Datasheet HTML 7Page - Analog Devices AD5933 Datasheet HTML 8Page - Analog Devices AD5933 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD5933
Data Sheet
Rev. F | Page 4 of 40
SPECIFICATIONS
VDD = 3.3 V, MCLK = 16.776 MHz, 2 V p-p output excitation voltage @ 30 kHz, 200 kΩ connected between Pin 5 and Pin 6; feedback
resistor = 200 kΩ connected between Pin 4 and Pin 5; PGA gain = ×1, unless otherwise noted.
Table 1.
Parameter
Y Version1
Unit
Test Conditions/Comments
Min
Typ
Max
SYSTEM
Impedance Range
1 K
10 M
Ω
100 Ω to 1 kΩ requires extra buffer
circuitry, see the Measuring Small
Impedances section
Total System Accuracy
0.5
%
2 V p-p output excitation voltage at
30 kHz, 200 kΩ connected between
Pin 5 and Pin 6
System Impedance Error Drift
30
ppm/°C
TRANSMIT STAGE
Output Frequency Range2
1
100
kHz
Output Frequency Resolution
0.1
Hz
<0.1 Hz resolution achievable using
DDS techniques
MCLK Frequency
16.776
MHz
Maximum system clock frequency
Internal Oscillator Frequency3
16.776
MHz
Frequency of internal clock
Internal Oscillator Temperature Coefficient
30
ppm/°C
TRANSMIT OUTPUT VOLTAGE
Range 1
AC Output Excitation Voltage4
1.98
V p-p
See Figure 4 for output voltage
distribution
DC Bias5
1.48
V
DC bias of the ac excitation signal;
see Figure 5
DC Output Impedance
200
Ω
TA = 25°C
Short-Circuit Current to Ground at VOUT
±5.8
mA
TA = 25°C
Range 2
AC Output Excitation Voltage4
0.97
V p-p
See Figure 6
DC Bias5
0.76
V
DC bias of output excitation signal;
see Figure 7
DC Output Impedance
2.4
kΩ
Short-Circuit Current to Ground at VOUT
±0.25
mA
Range 3
AC Output Excitation Voltage4
0.383
V p-p
See Figure 8
DC Bias5
0.31
V
DC bias of output excitation signal;
see Figure 9
DC Output Impedance
1
kΩ
Short-Circuit Current to Ground at VOUT
±0.20
mA
Range 4
AC Output Excitation Voltage4
0.198
V p-p
See Figure 10
DC Bias5
0.173
V
DC bias of output excitation signal.
See Figure 11
DC Output Impedance
600
Ω
Short-Circuit Current to Ground at VOUT
±0.15
mA
SYSTEM AC CHARACTERISTICS
Signal-to-Noise Ratio
60
dB
Total Harmonic Distortion
−52
dB
Spurious-Free Dynamic Range
Wide Band (0 MHz to 1 MHz)
−56
dB
Narrow Band (±5 kHz)
−85
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com