Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5933
Description  1 MSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5933 Datasheet HTML 13Page - Analog Devices AD5933 Datasheet HTML 14Page - Analog Devices AD5933 Datasheet HTML 15Page - Analog Devices AD5933 Datasheet HTML 16Page - Analog Devices AD5933 Datasheet HTML 17Page - Analog Devices AD5933 Datasheet HTML 18Page - Analog Devices AD5933 Datasheet HTML 19Page - Analog Devices AD5933 Datasheet HTML 20Page - Analog Devices AD5933 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Data Sheet
AD5933
Rev. F | Page 17 of 40
IMPEDANCE CALCULATION
MAGNITUDE CALCULATION
The first step in impedance calculation for each frequency point
is to calculate the magnitude of the DFT at that point.
The DFT magnitude is given by
2
2
I
R
Magnitude
+
=
where:
R is the real number stored at Register Address 0x94 and
Register Address 0x95.
I is the imaginary number stored at Register Address 0x96 and
Register Address 0x97.
For example, assume the results in the real data and imaginary
data registers are as follows at a frequency point:
Real data register = 0x038B = 907 decimal
Imaginary data register = 0x0204 = 516 decimal
506
.
1043
)
516
907
(
2
2
=
+
=
Magnitude
To convert this number into impedance, it must be multiplied
by
a scaling factor called the gain factor. The gain factor is
calculated during the calibration of the system with a known
impedance connected between the VOUT and VIN pins.
Once the gain factor has been calculated, it can be used in the
calculation of any unknown impedance between the VOUT and
VIN pins.
GAIN FACTOR CALCULATION
An example of a gain factor calculation follows, with the
following assumptions:
Output excitation voltage = 2 V p-p
Calibration impedance value, ZCALIBRATION = 200 kΩ
PGA Gain = ×1
Current-to-voltage amplifier gain resistor = 200 kΩ
Calibration frequency = 30 kHz
Then typical contents of the real data and imaginary data
registers after a frequency point conversion are:
Real data register = 0xF064 = −3996 decimal
Imaginary data register = 0x227E = +8830 decimal
106
.
9692
)
8830
(
)
3996
(
2
2
=
+
−
=
Magnitude
Magnitude
Impedance
Code
Admittance
Factor
Gain


=
=
1
12
-
10
×
515.819
106
.
9692
k
200
1
=
Ω
=
Factor
Gain
IMPEDANCE CALCULATION USING GAIN FACTOR
The next example illustrates how the calculated gain factor
derived previously is used to measure an unknown impedance.
For this example, assume that the unknown impedance = 510
kΩ.
After measuring the unknown impedance at a frequency of
30 kHz, assume that the real data and imaginary data registers
contain the following data:
Real data register = 0xFA3F = −1473 decimal
Imaginary data register = 0x0DB3 = +3507 decimal
863
.
3802
)
)
3507
(
)
1473
((
2
2
=
+
−
=
Magnitude
Then the measured impedance at the frequency point is given
by
Impedance
Magnitude
Factor
Gain
×
=
1
Ω
=
Ω
×
×
=
−
k
791
.
509
863
.
3802
10
819273
.
515
1
12
GAIN FACTOR VARIATION WITH FREQUENCY
Because the AD5933 has a finite frequency response, the gain
factor also shows a variation with frequency. This variation in
gain factor results in an error in the impedance calculation over
a frequency range. Figure 22 shows an impedance profile based
on a single-point gain factor calculation. To minimize this error,
the frequency sweep should be limited to as small a frequency
range as possible.
101.5
98.5
54
66
FREQUENCY (kHz)
101.0
100.5
100.0
99.5
99.0
56
58
60
62
64
VDD = 3.3V
CALIBRATION FREQUENCY = 60kHz
TA = 25°C
MEASURED CALIBRATION IMPEDANCE = 100k
Ω
Figure 22. Impedance Profile Using a Single-Point Gain Factor Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com