Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5933
Description  1 MSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5933 Datasheet HTML 14Page - Analog Devices AD5933 Datasheet HTML 15Page - Analog Devices AD5933 Datasheet HTML 16Page - Analog Devices AD5933 Datasheet HTML 17Page - Analog Devices AD5933 Datasheet HTML 18Page - Analog Devices AD5933 Datasheet HTML 19Page - Analog Devices AD5933 Datasheet HTML 20Page - Analog Devices AD5933 Datasheet HTML 21Page - Analog Devices AD5933 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
AD5933
Data Sheet
Rev. F | Page 18 of 40
TWO-POINT CALIBRATION
Alternatively, it is possible to minimize this error by assuming
that the frequency variation is linear and adjusting the gain
factor with a two-point calibration. Figure 23 shows an
impedance profile based on a two-point gain factor calculation.
101.5
98.5
54
66
FREQUENCY (kHz)
101.0
100.5
100.0
99.5
99.0
56
58
60
62
64
VDD = 3.3V
CALIBRATION FREQUENCY = 60kHz
TA = 25°C
MEASURED CALIBRATION IMPEDANCE = 100k
Ω
Figure 23. Impedance Profile Using a Two-Point Gain Factor Calculation
TWO-POINT GAIN FACTOR CALCULATION
This is an example of a two-point gain factor calculation
assuming the following:
Output excitation voltage = 2 V (p-p)
Calibration impedance value, ZUNKNOWN = 100.0 kΩ
PGA gain = ×1
Supply voltage = 3.3 V
Current-to-voltage amplifier gain resistor = 100 kΩ
Calibration frequencies = 55 kHz and 65 kHz
Typical values of the gain factor calculated at the two calibration
frequencies read
Gain factor calculated at 55 kHz is 1.031224E-09
Gain factor calculated at 65 kHz is 1.035682E-09
Difference in gain factor (∆GF) is 1.035682E-09 −
1.031224E-09 = 4.458000E-12
Frequency span of sweep (∆F) = 10 kHz
Therefore, the gain factor required at 60 kHz is given by
9
-
10
031224
.
1
kHz
5
kHz
10
12
-
E
458000
.
4
×
+
×
The required gain factor is 1.033453E-9.
The impedance is calculated as previously described.
GAIN FACTOR SETUP CONFIGURATION
When calculating the gain factor, it is important that the receive
stage operate in its linear region. This requires careful selection
of the excitation signal range, current-to-voltage gain resistor,
and PGA gain.
VIN
VDD/2
RFB
ADC
LPF
ZUNKNOWN
VOUT
CURRENT-TO-VOLTAGE
GAIN SETTING RESISTOR
PGA
(×1 OR ×5)
Figure 24. System Voltage Gain
The gain through the system shown in Figure 24 is given by
Gain
PGA
Z
sistor
Setting
Gain
Range
Voltage
Excitation
Ouput
UNKNOWN
×
×
Re
For this example, assume the following system settings:
VDD = 3.3 V
Gain setting resistor = 200 kΩ
ZUNKNOWN = 200 kΩ
PGA setting = ×1
The peak-to-peak voltage presented to the ADC input is
2 V p-p. However, if a PGA gain of ×5 was chose, the voltage
would saturate the ADC.
GAIN FACTOR RECALCULATION
The gain factor must be recalculated for a change in any of the
following parameters:
•
Current-to-voltage gain setting resistor
•
Output excitation voltage
•
PGA gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com