Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5933
Description  1 MSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5933 Datasheet HTML 5Page - Analog Devices AD5933 Datasheet HTML 6Page - Analog Devices AD5933 Datasheet HTML 7Page - Analog Devices AD5933 Datasheet HTML 8Page - Analog Devices AD5933 Datasheet HTML 9Page - Analog Devices AD5933 Datasheet HTML 10Page - Analog Devices AD5933 Datasheet HTML 11Page - Analog Devices AD5933 Datasheet HTML 12Page - Analog Devices AD5933 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Data Sheet
AD5933
Rev. F | Page 9 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
35
0
30
25
20
15
10
5
2.06
VOLTAGE (V)
1.92
1.94
1.96
1.98
2.00
2.02
2.04
MEAN = 1.9824
SIGMA = 0.0072
Figure 4. Range 1 Output Excitation Voltage Distribution, VDD = 3.3 V
1.30
1.75
VOLTAGE (V)
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
MEAN = 1.4807
SIGMA = 0.0252
0
30
25
20
15
10
5
Figure 5. Range 1 DC Bias Distribution, VDD = 3.3 V
30
0
25
20
15
10
5
VOLTAGE (V)
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
MEAN = 0.9862
SIGMA = 0.0041
Figure 6. Range 2 Output Excitation Voltage Distribution, VDD = 3.3 V
0.68
0.86
VOLTAGE (V)
0.70
0.72
0.74
0.76
0.78
0.80
0.82
0.84
MEAN = 0.7543
SIGMA = 0.0099
30
0
25
20
15
10
5
Figure 7. Range 2 DC Bias Distribution, VDD = 3.3 V
30
0
0.370
0.400
VOLTAGE (V)
25
20
15
10
5
0.375
0.380
0.385
0.390
0.395
MEAN = 0.3827
SIGMA = 0.00167
Figure 8. Range 3 Output Excitation Voltage Distribution, VDD = 3.3 V
0.290
0.320
VOLTAGE (V)
0.295
0.300
0.305
0.310
0.315
MEAN = 0.3092
SIGMA = 0.0014
30
0
25
20
15
10
5
Figure 9. Range 3 DC Bias Distribution, VDD = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com