Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5933
Description  1 MSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5933 Datasheet HTML 19Page - Analog Devices AD5933 Datasheet HTML 20Page - Analog Devices AD5933 Datasheet HTML 21Page - Analog Devices AD5933 Datasheet HTML 22Page - Analog Devices AD5933 Datasheet HTML 23Page - Analog Devices AD5933 Datasheet HTML 24Page - Analog Devices AD5933 Datasheet HTML 25Page - Analog Devices AD5933 Datasheet HTML 26Page - Analog Devices AD5933 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
AD5933
Rev. F | Page 23 of 40
REGISTER MAP
Table 8.
Register
Name
Register Data
Function
0x80
Control
D15 to D8
Read/write
0x81
D7 to D0
Read/write
0x82
Start frequency
D23 to D16
Read/write
0x83
D15 to D8
Read/write
0x84
D7 to D0
Read/write
0x85
Frequency increment
D23 to D16
Read/write
0x86
D15 to D8
Read/write
0x87
D7 to D0
Read/write
0x88
Number of increments
D15 to D8
Read/write
0x89
D7 to D0
Read/write
0x8A
Number of settling time cycles
D15 to D8
Read/write
0x8B
D7 to D0
Read/write
0x8F
Status
D7 to D0
Read only
0x92
Temperature data
D15 to D8
Read only
0x93
D7 to D0
Read only
0x94
Real data
D15 to D8
Read only
0x95
D7 to D0
Read only
0x96
Imaginary data
D15 to D8
Read only
0x97
D7 to D0
Read only
CONTROL REGISTER (REGISTER ADDRESS 0x80,
REGISTER ADDRESS 0x81)
The AD5933 has a 16-bit control register (Register Address 0x80
and Register Address 0x81) that sets the AD5933 control
modes. The default value of the control register upon reset is
as follows: D15 to D0 reset to 0xA000 upon power-up.
The four MSBs of the control register are decoded to provide
control functions, such as performing a frequency sweep,
powering down the part, and controlling various other
functions defined in the control register map.
The user may choose to write only to Register Address 0x80 and
not to alter the contents of Register Address 0x81. Note that the
control register should not be written to as part of a block write
command. The control register also allows the user to program
the excitation voltage and set the system clock. A reset command
to the control register does not reset any programmed values
associated with the sweep (that is, start frequency, number of
increments, frequency increment). After a reset command, an
initialize with start frequency command must be issued to the
control register to restart the frequency sweep sequence (see
Figure 28).
Table 9. Control Register Map (D15 to D12)
D15
D14
D13
D12
Function
0
0
0
0
No operation
0
0
0
1
Initialize with start frequency
0
0
1
0
Start frequency sweep
0
0
1
1
Increment frequency
0
1
0
0
Repeat frequency
1
0
0
0
No operation
1
0
0
1
Measure temperature
1
0
1
0
Power-down mode
1
0
1
1
Standby mode
1
1
0
0
No operation
1
1
0
1
No operation
Table 10. Control Register Map (D10 to D9)
D10
D9
Range No.
Output Voltage Range
0
0
1
2.0 V p-p typical
0
1
4
200 mV p-p typical
1
0
3
400 mV p-p typical
1
1
2
1.0 V p-p typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com