Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5933
Description  1 MSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 5 Page - Analog Devices

  AD5933 Datasheet HTML 1Page - Analog Devices AD5933 Datasheet HTML 2Page - Analog Devices AD5933 Datasheet HTML 3Page - Analog Devices AD5933 Datasheet HTML 4Page - Analog Devices AD5933 Datasheet HTML 5Page - Analog Devices AD5933 Datasheet HTML 6Page - Analog Devices AD5933 Datasheet HTML 7Page - Analog Devices AD5933 Datasheet HTML 8Page - Analog Devices AD5933 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
AD5933
Rev. F | Page 5 of 40
Parameter
Y Version1
Unit
Test Conditions/Comments
Min
Typ
Max
RECEIVE STAGE
Input Leakage Current
1
nA
To VIN pin
Input Capacitance6
0.01
pF
Pin capacitance between VIN and GND
Feedback Capacitance (CFB)
3
pF
Feedback capacitance around current-
to-voltage amplifier; appears in
parallel with feedback resistor
ANALOG-TO-DIGITAL CONVERTER6
Resolution
12
Bits
Sampling Rate
1
MSPS
ADC throughput rate
TEMPERATURE SENSOR
Accuracy
±2.0
°C
−40°C to +125°C temperature range
Resolution
0.03
°C
Temperature Conversion Time
800
μs
Conversion time of single temperature
measurement
LOGIC INPUTS
Input High Voltage (VIH)
0.7 × VDD
Input Low Voltage (VIL)
0.3 × VDD
Input Current7
1
µA
TA = 25°C
Input Capacitance
7
pF
TA = 25°C
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (Normal Mode )
10
15
mA
VDD = 3.3 V
17
25
mA
VDD = 5.5 V
IDD (Standby Mode)
11
mA
VDD = 3.3 V; see the Control Register
(Register Address 0X80, Register
Address 0X81) section
16
mA
VDD = 5.5 V
IDD (Power-Down Mode)
0.7
5
µA
VDD = 3.3 V
1
8
µA
VDD = 5.5 V
1
Temperature range for Y version =
−40°C to +125°C, typical at 25°C.
2
The lower limit of the output excitation frequency can be lowered by scaling the clock supplied to the AD5933.
3
Refer to Figure 14, Figure 15, and Figure 16 for the internal oscillator frequency distribution with temperature.
4
The peak-to-peak value of the ac output excitation voltage scales with supply voltage according to the following formula:
Output Excitation Voltage (V p-p) = [2/3.3] × VDD
where VDD is the supply voltage.
5
The dc bias value of the output excitation voltage scales with supply voltage according to the following formula:
Output Excitation Bias Voltage (V) = [2/3.3] × VDD
where VDD is the supply voltage.
6
Guaranteed by design or characterization, not production tested. Input capacitance at the VOUT pin is equal to pin capacitance divided by open-loop gain of current-
to-voltage amplifier.
7
The accumulation of the currents into Pin 8, Pin 15, and Pin 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com