Electronic Components Datasheet Search
  English  ▼

X  

AD9910 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9910
Description  CMOS Direct Digital Synthesizer
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9910 Datasheet HTML 36Page - Analog Devices AD9910 Datasheet HTML 37Page - Analog Devices AD9910 Datasheet HTML 38Page - Analog Devices AD9910 Datasheet HTML 39Page - Analog Devices AD9910 Datasheet HTML 40Page - Analog Devices AD9910 Datasheet HTML 41Page - Analog Devices AD9910 Datasheet HTML 42Page - Analog Devices AD9910 Datasheet HTML 43Page - Analog Devices AD9910 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
AD9910
Data Sheet
Rev. E | Page 40 of 64
WAVEFORM START ADDRESS
WAVEFORM END ADDRESS
1
1
2
3
4
5
RAM ADRESS
RAM_SWP_OVER
I/O_UPDATE
M DDS CLOCK CYCLES
∆
t
Figure 48. Continuous Recirculate Timing Diagram
RAM Continuous Recirculate Mode
The continuous recirculate mode mimics the ramp-up mode,
except that when the state machine reaches the waveform end
address, the next timeout of the internal timer causes the state
machine to jump to the waveform start address. The waveform
repeats until an I/O update or profile change.
The no-dwell high bit is ignored in this mode.
A profile pin state change aborts the current waveform, and the
newly selected RAM profile is used to initiate a new waveform.
The RAM_SWP_OVR pin pulses high for two DDS clock cycles
when the state machine reaches the waveform end address.
Continuous recirculate mode is graphically represented in
Figure 48. The circled numbers indicate specific events as
follows:
Event 1—An I/O update or profile change occurs. This event
initializes the state machine to the waveform start address and
sets the RAM_SWP_OVR pin to Logic 0.
Event 2—The state machine reaches the waveform end address
value for the selected profile. The RAM_SWP_OVR pin toggles
to Logic 1 for two DDS clock cycles.
Event 3—The state machine switches to the waveform start
address and continues to increment the address counter.
Event 4—The state machine again reaches the waveform end
address value for the selected profile, and the RAM_SWP_OVR
pin toggles to Logic 1 for two DDS clock cycles.
Event 5—The state machine switches to the waveform start
address and continues to increment the address counter.
Event 4 and Event 5—These events repeat until an I/O update is
issued or a change in profile is made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com