Electronic Components Datasheet Search
  English  ▼

X  

AD9910 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9910
Description  CMOS Direct Digital Synthesizer
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9910 Datasheet HTML 9Page - Analog Devices AD9910 Datasheet HTML 10Page - Analog Devices AD9910 Datasheet HTML 11Page - Analog Devices AD9910 Datasheet HTML 12Page - Analog Devices AD9910 Datasheet HTML 13Page - Analog Devices AD9910 Datasheet HTML 14Page - Analog Devices AD9910 Datasheet HTML 15Page - Analog Devices AD9910 Datasheet HTML 16Page - Analog Devices AD9910 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Data Sheet
AD9910
Rev. E | Page 13 of 64
CENTER 10.32MHz
–120
–108
–96
–84
–72
–60
–48
–36
–24
–12
0
2.5kHz/DIV
SPAN 25kHz
1
Figure 12. Narrow-Band SFDR at 10.32 MHz, REFCLK = 1 GHz
CENTER 204.36MHz
–120
–108
–96
–84
–72
–60
–48
–36
–24
–12
0
2.5kHz/DIV
SPAN 25kHz
1
Figure 13. Narrow-Band SFDR at 204.36 MHz, REFCLK = 1 GHz
CENTER 403.78MHz
–120
–108
–96
–84
–72
–60
–48
–36
–24
–12
0
2.5kHz/DIV
SPAN 25kHz
1
Figure 14. Narrow-Band SFDR at 403.78 MHz, REFCLK = 1 GHz
–90
–100
–120
–110
–140
–150
–130
–170
–160
10
100
1k
10k
100k
100M
1M
10M
FREQUENCY OFFSET (Hz)
fOUT = 20.1MHz
fOUT = 98.6MHz
fOUT = 201.1MHz
fOUT = 397.8MHz
Figure 15. Residual Phase Noise Plot, 1 GHz Operation with PLL Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com