Electronic Components Datasheet Search
  English  ▼

X  

AD9910 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9910
Description  CMOS Direct Digital Synthesizer
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9910 Datasheet HTML 25Page - Analog Devices AD9910 Datasheet HTML 26Page - Analog Devices AD9910 Datasheet HTML 27Page - Analog Devices AD9910 Datasheet HTML 28Page - Analog Devices AD9910 Datasheet HTML 29Page - Analog Devices AD9910 Datasheet HTML 30Page - Analog Devices AD9910 Datasheet HTML 31Page - Analog Devices AD9910 Datasheet HTML 32Page - Analog Devices AD9910 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
Data Sheet
AD9910
Rev. E | Page 29 of 64
DRG Slope Control
The core of the DRG is a 32-bit accumulator clocked by a
programmable timer. The time base for the timer is the DDS
clock, which operates at ¼ fSYSCLK. The timer establishes the
interval between successive updates of the accumulator. The
positive (+Δt) and negative (−Δt) slope step intervals are
independently programmable as given by
SYSCLK
f
P
t
4
Δ =
+
SYSCLK
f
N
t
4
Δ =
−
where P and N are the two 16-bit values stored in the 32-bit digital
ramp rate register and control the step interval. N defines the step
interval of the negative slope portion of the ramp. P defines the step
interval of the positive slope portion of the ramp.
The step size of the positive (STEPP) and negative (STEPN) slope
portions of the ramp are 32-bit values programmed into the 64-bit
digital ramp step size register. Program each of the step sizes as an
unsigned integer (the hardware automatically interprets STEPN as
a negative value). The relationship between the 32-bit step size
values and actual units of frequency, phase, or amplitude depend
on the digital ramp destination bits. Calculate the actual frequency,
phase, or amplitude step size by substituting STEPN or STEPP
for M in the following equations as required:
SYSCLK
f
M
Step
Frequency
=
32
2
31
2
M
Step
Phase
π
=
(radians)
29
2
45M
Step
Phase
=
(degrees)
FS
I
M
Step
Amplitude
=
32
2
Note that the frequency units are the same as those used to
represent fSYSCLK (MHz, for example). The amplitude units are
the same as those used to represent IFS, the full-scale output
current of the DAC (mA, for example).
The phase and amplitude step size equations yield the average
step size. Although the step size accumulates with 32-bit precision,
the phase or amplitude destination exhibits only 16 or 14 bits,
respectively. Therefore, at the destination, the actual phase or
amplitude step is the accumulated 32-bit value truncated to 16
or 14 bits, respectively.
As described previously, the step interval is controlled by a
16-bit programmable timer. There are three events that can
cause this timer to be reloaded prior to its expiration.
One event occurs when the digital ramp enable bit transitions
from cleared to set, followed by an I/O update. A second event
is a change of state in the DRCTL pin. The third event is enabled
using the load LRR @ I/O update bit (see the Register Map and Bit
Descriptions section for details).
DRG Limit Control
The ramp accumulator is followed by limit control logic that
enforces an upper and lower boundary on the output of the
ramp generator. Under no circumstances does the output of the
DRG exceed the programmed limit values while the DRG is
enabled. The limits are set through the 64-bit digital ramp limit
register. Note that the upper limit value must be greater than the
lower limit value to ensure normal operation.
DRG Accumulator Clear
The ramp accumulator can be cleared (that is, reset to 0) under
program control. When the ramp accumulator is cleared, it forces
the DRG output to the lower limit programmed into the digital
ramp limit register.
With the limit control block embedded in the feedback path of the
accumulator, resetting the accumulator is equivalent to presetting it
to the lower limit value.
Normal Ramp Generation
Normal ramp generation implies that both no-dwell bits are
cleared (see the No-Dwell Ramp Generation section for details).
In Figure 39, a sample ramp waveform is depicted with the
required control signals. The top trace is the DRG output.
The next trace down is the status of the DROVER output pin
(assuming that the DROVER pin active bit is set). The remaining
traces are control bits and control pins. The pertinent ramp
parameters are also identified (upper and lower limits plus step
size and Δt for the positive and negative slopes). Along the
bottom, circled numbers identify specific events. These events
are referred to by number (Event 1 and so on) in the following
paragraphs.
In this particular example, the positive and negative slopes of
the ramp are different to demonstrate the flexibility of the DRG.
The parameters of both slopes can be programmed to make the
positive and negative slopes the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com