Electronic Components Datasheet Search
  English  ▼

X  

AD9910 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9910
Description  CMOS Direct Digital Synthesizer
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9910 Datasheet HTML 19Page - Analog Devices AD9910 Datasheet HTML 20Page - Analog Devices AD9910 Datasheet HTML 21Page - Analog Devices AD9910 Datasheet HTML 22Page - Analog Devices AD9910 Datasheet HTML 23Page - Analog Devices AD9910 Datasheet HTML 24Page - Analog Devices AD9910 Datasheet HTML 25Page - Analog Devices AD9910 Datasheet HTML 26Page - Analog Devices AD9910 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
Data Sheet
AD9910
Rev. E | Page 23 of 64
Auxiliary DAC
An 8-bit auxiliary DAC controls the full-scale output current of
the main DAC (IOUT). An 8-bit code word stored in the appropriate
register map location sets IOUT according to the following equation:
 +
=
96
1
4
.
86
CODE
R
I
SET
OUT
where RSET is the value of the RSET resistor (in ohms) and CODE
is the 8-bit value supplied to the auxiliary DAC (default is 127).
For example, with RSET = 10,000 Ω and CODE = 127, then IOUT =
20.07 mA.
INVERSE SINC FILTER
The sampled carrier data stream is the input to the digital-to-
analog converter (DAC) integrated into the AD9910. The
DAC output spectrum is shaped by the characteristic sin(x)/x
(or sinc) envelope, due to the intrinsic zero-order hold effect
associated with DAC generated signals. The sinc envelope
can be compensated for because its shape is well known. This
envelope restoration function is provided by the inverse sinc
filter preceding the DAC. The inverse sinc filter is implemented
as a digital FIR filter. It has a response characteristic that very
nearly matches the inverse of the sinc envelope. The response
of the inverse sinc filter is shown in Figure 28 (with the sinc
envelope for comparison).
The inverse sinc filter is enabled using CFR1[22]. The filter tap
coefficients are given in Table 6. The filter operates by distorting
the data prior to its arrival at the DAC in such a way as to
compensate for the sinc envelope that otherwise distorts the
spectrum.
When the inverse sinc filter is enabled, it introduces a ~3.0 dB
insertion loss. The inverse sinc compensation is effective for output
frequencies up to approximately 40% of the DAC sample rate.
Table 6. Inverse Sinc Filter Tap Coefficients
Tap No.
Tap Value
1, 7
−35
2, 6
+134
3, 5
−562
4
+6729
In Figure 28, the sinc envelope introduces a frequency dependent
attenuation that can be as much as 4 dB at the Nyquist frequency
(½ of the DAC sample rate). Without the inverse sinc filter, the
DAC output suffers from the frequency dependent droop of
the sinc envelope. The inverse sinc filter effectively flattens the
droop to within ±0.05 dB, as shown in Figure 29, which shows
the corrected sinc response with the inverse sinc filter enabled.
1
0
–1
–2
–3
–4
0
0.1
0.2
0.4
0.3
0.5
FREQUENCY RELATIVE TO DAC SAMPLE RATE
INVERSE
SINC
SINC
Figure 28. Sinc and Inverse Sinc Responses
–2.8
–2.9
–3.0
–3.1
0
0.1
0.2
0.4
0.3
0.5
FREQUENCY RELATIVE TO DAC SAMPLE RATE
COMPENSATED RESPONSE
Figure 29. DAC Response with Inverse Sinc Compensation
CLOCK INPUT (REF_CLK/REF_CLK)
REF_CLK/REF_CLK Overview
The AD9910 supports a number of options for producing the
internal SYSCLK signal (that is, the DAC sample clock) via the
REF_CLK/REF_CLK input pins. The REF_CLK input can be
driven directly from a differential or single-ended source, or it
can accept a crystal connected across the two input pins. There
is also an internal phase-locked loop (PLL) multiplier that can
be independently enabled. A block diagram of the REF_CLK
functionality is shown in Figure 30. The various input configu-
rations are controlled by the XTAL_SEL pin and the control bits
in the CFR3 register. Figure 30 also shows how the CFR3 control
bits are associated with specific functional blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com