Electronic Components Datasheet Search
  English  ▼

X  

AD9911 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9911
Description  500 MSPS Direct Digital Synthesizer 10-Bit DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9911 Datasheet HTML 33Page - Analog Devices AD9911 Datasheet HTML 34Page - Analog Devices AD9911 Datasheet HTML 35Page - Analog Devices AD9911 Datasheet HTML 36Page - Analog Devices AD9911 Datasheet HTML 37Page - Analog Devices AD9911 Datasheet HTML 38Page - Analog Devices AD9911 Datasheet HTML 39Page - Analog Devices AD9911 Datasheet HTML 40Page - Analog Devices AD9911 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
Data Sheet
AD9911
Rev. A | Page 39 of 41
FR1 <22:18> PLL divider values.
FR1 <22:18>, if the value is > 3 and < 21, the PLL is enabled and
the value sets the multiplication factor. If the value is < 4 or >20
the PLL is disabled.
FR1 <23> PLL VCO gain.
FR1 <23> = 0 (default), the low range (system clock below
160 MHz). FR1 <23> = 1, the high range (system clock above
255 MHz).
Function Register 2 (FR2) Description
The FR2 is comprised of two bytes located in Address 0x02.
The FR2 is used to control the various functions, features, and
modes of the AD9911. The functionality of each bit is as
follows:
FR2<1:0> system clock offset. See the Synchronizing Multiple
AD9911 Devices section for more details.
FR2 <3:2> inactive.
FR2 <4:7>. Multidevice synchronization bits. See the
Synchronizing Multiple AD9911 Devices section for more
details.
FR2 <11:8> inactive.
FR2 <12> Clear phase accumulator.
FR2 <12> = 0 (default), the phase accumulator functions as
normal. FR2 <12> = 1, the phase accumulator memory
elements are asynchronously cleared.
FR2 <13> Auto clear phase accumulator.
FR2 <13> = 0 (default). A new frequency tuning word is applied
to the inputs of the phase accumulator, but not loaded into the
accumulator.
FR2 <13> = 1. This bit automatically synchronously clears
(loads zeros into) the phase accumulator for one cycle upon
reception of the I/O update sequence indicator on both
channels.
FR2 <14> Clear sweep accumulator.
FR2 <14> = 0 (default), the sweep accumulator functions as
normal. FR2 <14> = 1, the sweep accumulator memory
elements are asynchronously cleared.
FR2 <15> Auto clear sweep accumulator.
FR2 <15> = 0 (default). A new delta word is applied to the
input, as in normal operation, but not loaded into the accumu-
lator. FR2 <15> = 1. This bit automatically synchronously clears
(loads 0s) the sweep accumulator for one cycle upon reception
of the I/O_UPDATE sequence indicator on both channels.
CHANNEL FUNCTION REGISTER (CFR)
DESCRIPTION
CFR <0> Enable sine function.
CFR <0> = 0 (default). The angle-to-amplitude conversion logic
employs a cosine function. CFR <0> = 1. The angle-to-
amplitude conversion logic employs a sine function.
CFR <1> Clear phase accumulator.
CFR <1> = 0 (default). The phase accumulator functions as
normal. CFR <1> = 1. The phase accumulator memory
elements are asynchronously cleared.
CFR <2> auto clear phase accumulator.
CFR <2> = 0 (default). A new frequency tuning word is applied
to the inputs of the phase accumulator, but not loaded into the
accumulator. CFR <2> = 1. This bit automatically synchro-
nously clears (loads 0s) the phase accumulator for one cycle
upon reception of the I/O_UPDATE sequence indicator.
CFR <3> clear sweep accumulator.
CFR <3> = 0 (default). The sweep accumulator functions as
normal. CFR <3> = 1. The sweep accumulator memory
elements are asynchronously cleared.
CFR <4> auto clear sweep accumulator.
CFR <4> = 0 (default). A new delta word is applied to the input,
as in normal operation, but not loaded into the accumulator.
CFR <4> = 1. This bit automatically synchronously clears (loads
0s) the sweep accumulator for one cycle upon reception of the
I/O_UPDATE sequence indicator.
CFR <5> match pipe delays active.
CFR <5> = 0 (default), match pipe delay mode is inactive.
CFR <5> = 1, match pipe delay mode is active. See the Single-
Tone Mode—Matched Pipeline Delay section for details.
CFR <6> DAC power-down.
CFR <6> = 0 (default). The DAC is enabled for operation.
CFR <6> = 1. The DAC is disabled and held in its lowest power
dissipation state.
CFR <7> digital power-down.
CFR <7> = 0 (default). The digital core is enabled for operation.
CFR <7> = 1. The digital core is disabled and is in its lowest
power dissipation state.
CFR <9:8>. DAC LSB control (see Table 5).
CFR <9:8> = 00 (default).
CFR <10> must be cleared to 0.
CFR <13> linear sweep ramp rate load at I/O_UPDATE.
CFR <13> = 0 (default). The linear sweep ramp rate timer is
loaded only upon timeout (timer = 1); it is not loaded by the
I/O_UPDATE input signal.
CFR <13> = 1. The linear sweep ramp rate timer is loaded upon
timeout (timer = 1) or at the time of an I/O_UPDATE input
signal.
CFR <14> linear sweep enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com