Electronic Components Datasheet Search
  English  ▼

X  

AD9911 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9911
Description  500 MSPS Direct Digital Synthesizer 10-Bit DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9911 Datasheet HTML 25Page - Analog Devices AD9911 Datasheet HTML 26Page - Analog Devices AD9911 Datasheet HTML 27Page - Analog Devices AD9911 Datasheet HTML 28Page - Analog Devices AD9911 Datasheet HTML 29Page - Analog Devices AD9911 Datasheet HTML 30Page - Analog Devices AD9911 Datasheet HTML 31Page - Analog Devices AD9911 Datasheet HTML 32Page - Analog Devices AD9911 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Data Sheet
AD9911
Rev. A | Page 29 of 41
I/O_UPDATE, SYNC_CLK, AND SYSTEM CLOCK
RELATIONSHIPS
I/O_UPDATE and SYNC_CLK are used together to transfer
data from the I/O buffer to the active registers in the device.
Data in the I/O buffer is inactive.
SYNC_CLK is a rising edge active signal. It is derived from
the system clock and a divide-by frequency divider of 4. The
SYNC_CLK is provided externally to synchronize external
hardware to the AD9911 internal clocks.
I/O_UPDATE initiates the start of a buffer transfer. It can be
sent synchronously or asynchronously relative to the
SYNC_CLK.
If the set-up time between these signals is met, then constant
latency (pipeline) to the DAC output exists. For example, if
repetitive changes to phase offset via the SPI port is desired, the
latency of those changes to the DAC output is constant,
otherwise a time uncertainty of one SYNC_CLK period will be
present.
The I/O UPDATE is sampled on the rising edge of the
SYNC_CLK. Therefore, I/O_UPDATE must have a minimum
pulse width greater than one SYNC_CLK period.
The timing diagram shown in Figure 47 depicts when data in
the I/O buffer is transferred to the active registers.
The I/O UPDATE is set up and held around the rising edge of
SYNC_CLK and has zero hold time and 4.8 ns setup time.
SYNC_CLK
SYSCLK
AB
NN + 1
N – 1
DATA IN
REGISTERS
DATA IN
I/O BUFFERS
N
N + 1
N + 2
I/O UPDATE
THE DEVICE REGISTERS AN I/O UPDATE AT POINT A. THE DATA IS TRANSFERRED FROM THE ASYNCHRONOUSLY LOADED I/O BUFFERS AT POINT B.
Figure 47. I/O_UPDATE Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com