Electronic Components Datasheet Search
  English  ▼

X  

AD9911 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9911
Description  500 MSPS Direct Digital Synthesizer 10-Bit DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9911 Datasheet HTML 2Page - Analog Devices AD9911 Datasheet HTML 3Page - Analog Devices AD9911 Datasheet HTML 4Page - Analog Devices AD9911 Datasheet HTML 5Page - Analog Devices AD9911 Datasheet HTML 6Page - Analog Devices AD9911 Datasheet HTML 7Page - Analog Devices AD9911 Datasheet HTML 8Page - Analog Devices AD9911 Datasheet HTML 9Page - Analog Devices AD9911 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
AD9911
Data Sheet
Rev. A | Page 6 of 41
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Residual Phase Noise @ 15.1 MHz (fOUT) with
REF_CLK Multiplier Enabled 5×
1 kHz Offset
–139
dBc/Hz
10 kHz Offset
–149
dBc/Hz
100 kHz Offset
–153
dBc/Hz
1 MHz Offset
–148
dBc/Hz
Residual Phase Noise @ 40.1 MHz (fOUT)
with REF_CLK Multiplier Enabled 5×
1 kHz Offset
–130
dBc/Hz
10 kHz Offset
–140
dBc/Hz
100 kHz Offset
–145
dBc/Hz
1 MHz Offset
–139
dBc/Hz
Residual Phase Noise @ 75.1 MHz (fOUT) with
REF_CLK Multiplier Enabled 5×
1 kHz Offset
–123
dBc/Hz
10 kHz Offset
–134
dBc/Hz
100 kHz Offset
–138
dBc/Hz
1 MHz Offset
–132
dBc/Hz
Residual Phase Noise @ 100.3 MHz(fOUT) with
REF_CLK Multiplier Enabled 5×
1 kHz Offset
–120
dBc/Hz
10 kHz Offset
–130
dBc/Hz
100 kHz Offset
–135
dBc/Hz
1 MHz Offset
–129
dBc/Hz
Residual Phase Noise @ 15.1 MHz (fOUT)
with REF_CLK Multiplier Enabled 20×
1 kHz Offset
–127
dBc/Hz
10 kHz Offset
–136
dBc/Hz
100 kHz Offset
–139
dBc/Hz
1 MHz Offset
–138
dBc/Hz
Residual Phase Noise @ 40.1 MHz (fOUT)
with REF_CLK Multiplier Enabled 20×
1 kHz Offset
–117
dBc/Hz
10 kHz Offset
–128
dBc/Hz
100 kHz Offset
–132
dBc/Hz
1 MHz Offset
–130
dBc/Hz
Residual Phase Noise @ 75.1 MHz (fOUT)
with REF_CLK Multiplier Enabled 20×
1 kHz Offset
–110
dBc/Hz
10 kHz Offset
–121
dBc/Hz
100 kHz Offset
–125
dBc/Hz
1 MHz Offset
–123
dBc/Hz
Residual Phase Noise @ 100.3 MHz (fOUT)
with REF_CLK Multiplier Enabled 20×
1 kHz Offset
–107
dBc/Hz
10 kHz Offset
–119
dBc/Hz
100 kHz Offset
–121
dBc/Hz
1 MHz Offset
–119
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com