Electronic Components Datasheet Search
  English  ▼

X  

AD9911 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9911
Description  500 MSPS Direct Digital Synthesizer 10-Bit DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911 Datasheet(HTML) 3 Page - Analog Devices

  AD9911 Datasheet HTML 1Page - Analog Devices AD9911 Datasheet HTML 2Page - Analog Devices AD9911 Datasheet HTML 3Page - Analog Devices AD9911 Datasheet HTML 4Page - Analog Devices AD9911 Datasheet HTML 5Page - Analog Devices AD9911 Datasheet HTML 6Page - Analog Devices AD9911 Datasheet HTML 7Page - Analog Devices AD9911 Datasheet HTML 8Page - Analog Devices AD9911 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Data Sheet
AD9911
Rev. A | Page 3 of 41
GENERAL DESCRIPTION
The DDS acts as a high resolution frequency divider with the
REF_CLK as the input and the DAC providing the output. The
REF_CLK input can be driven directly or used in combination
with an integrated REF_CLK multiplier (PLL). The REF_CLK
input also features an oscillator circuit to support an external
crystal as the REF_CLK source. The crystal can be used in
combination with the REF_CLK multiplier.
The AD9911 I/O port offers multiple configurations to provide
significant flexibility. The I/O port offers an SPI-compatible
mode of operation that is virtually identical to the SPI operation
found in earlier Analog Devices DDS products.
Flexibility is provided by four data pins (Pin SDIO_0,
Pin SDIO_1, Pin SDIO_2, and Pin SDIO_3) that allow four
programmable modes of I/O operation.
The DAC output is supply referenced and must be terminated
into AVDD by a resistor and an AVDD center-tapped trans-
former. The DAC has its own programmable reference to enable
different full-scale currents.
The DDS core (the AVDD pins and the DVDD pins) is powered
by a 1.8 V supply. The digital I/O interface (SPI) operates at
3.3 V and requires that the Pin DVDD_I/O (Pin 49) be
connected to 3.3 V.
FUNCTIONAL BLOCK DIAGRAM
AD9911
32
FTW/
∆FTW
SYNC_CLK
CLK_MODE_SEL
BUFFER/
XTAL
OSCILLATOR
SYSTEM
CLK
1.8V
AVDD
DVDD
SYNC_IN
SYNC_OUT
I/O_UPDATE
32
32
PHASE/
∆PHASE
AMP/
∆AMP
10
14
10
15
IOUT
10
DAC
IOUT
DAC_RSET
REF_CLK
REF_CLK
PWR_DWN_CTL
MASTER_RESET
SCLK
SDIO_0
SDIO_1
SDIO_2
SDIO_3
CS
TIMING AND CONTROL LOGIC
SCALABLE
DAC REF
CURRENT
MUX
I/O
PORT
BUFFER
CONTROL
REGISTERS
CHANNEL
REGISTERS
PROFILE
REGISTERS
÷4
REF CLOCK
MULTIPLIER
4× TO 20×
1.8V
P0 P1
P2 P3
DVDD_I/O
COS(X)
Σ
Σ
Σ
Σ
DDS
CORE
DDS
CORE
DDS
CORE
SPURKILLER/
MULTI-TONE
MUX
3.3V
LOOP FILTER
Figure 2. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com