Electronic Components Datasheet Search
  English  ▼

X  

AD9911 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9911
Description  500 MSPS Direct Digital Synthesizer 10-Bit DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9911 Datasheet HTML 33Page - Analog Devices AD9911 Datasheet HTML 34Page - Analog Devices AD9911 Datasheet HTML 35Page - Analog Devices AD9911 Datasheet HTML 36Page - Analog Devices AD9911 Datasheet HTML 37Page - Analog Devices AD9911 Datasheet HTML 38Page - Analog Devices AD9911 Datasheet HTML 39Page - Analog Devices AD9911 Datasheet HTML 40Page - Analog Devices AD9911 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
AD9911
Data Sheet
Rev. A | Page 40 of 41
CFR <14> = 0 (default). The linear sweep capability of the
AD9911 is inactive. CFR <14> = 1. The linear sweep capability
of the AD9911 is active. The delta frequency tuning word is
applied to the frequency accumulator at the programmed
ramp rate.
CFR <15> linear sweep no-dwell.
CFR <15> = 0 (default). The linear sweep no-dwell function is
inactive. CFR <15> = 1. The linear sweep no-dwell function is
active. See the Linear Sweep (Shaped) Modulation Mode
section for details. If CFR <14> is clear, this bit is ignored.
CFR <18:16> Data align bits for SpurKiller mode. See the
SpurKiller/Multitone Mode section for details.
CFR <21:19> inactive.
CFR <23:22> amplitude/frequency/phase select controls, the
type of modulation is to be performed for that channel. See the
Shift Keying Mode section for examples.
Channel Frequency Tuning Word 0 (CFTW0) Description
CFTW0 <32:0> Frequency Tuning Word 0 for each channel.
Channel Phase Offset Word 0 (CPOW0) Description
CPOW0 <13:0> Phase Offset Word 0 for each channel.
CPOW0 <15:14> inactive.
Amplitude Control Register (ACR) Description
ACR <9:0> amplitude scale factor.
ACR <10> amplitude ramp rate load control bit.
ACR <10> = 0 (default). The amplitude ramp rate timer is
loaded only upon timeout (timer = 1) and is not loaded by an
I/O_UPDATE input signal (or change in the profile select bits).
ACR <10> = 1. The amplitude ramp rate timer is loaded upon
timeout (timer =1) or at the time of an I/O_UPDATE input
signal (or change in profile select bits).
ACR <11> auto RU/RD enable (only valid when ACR <12> is
active high).
ACR <11> = 0 (default). When ACR <12> is active, Logic 0 on
ACR <11> enables the manual RU/RD operation. See the
Output Amplitude Control section of this document for details.
ACR <11> = 1. If ACR <12> is active, a Logic 1 on ACR <11>
enables the AUTO RU/RD operation. See the Output
Amplitude Control section for details.
ACR <12> amplitude multiplier enable.
ACR <12> = 0 (default). Amplitude multiplier is disabled. The
associated clocks are stopped for power saving; the data from
the DDS core is routed around the multipliers.
ACR <12> = 1, amplitude multiplier is enabled.
ACR <13> inactive.
ACR <15:14> amplitude increment/decrement step size. See
Table 20 for details.
ACR <23:16> amplitude ramp rate value.
Channel Linear Sweep Register (LSR) Description
LSR <15:0> linear sweep rising ramp rate.
Channel Linear Sweep Rising Delta Word Register (RDW)
Description
RDW <31:0> 32-bit rising delta tuning word.
Channel Linear Sweep Falling Delta Word Register
(FDW) Description
FDW <31:0> 32-bit falling delta tuning word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com