Electronic Components Datasheet Search
  English  ▼

X  

AD9911 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9911
Description  500 MSPS Direct Digital Synthesizer 10-Bit DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9911 Datasheet HTML 19Page - Analog Devices AD9911 Datasheet HTML 20Page - Analog Devices AD9911 Datasheet HTML 21Page - Analog Devices AD9911 Datasheet HTML 22Page - Analog Devices AD9911 Datasheet HTML 23Page - Analog Devices AD9911 Datasheet HTML 24Page - Analog Devices AD9911 Datasheet HTML 25Page - Analog Devices AD9911 Datasheet HTML 26Page - Analog Devices AD9911 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Data Sheet
AD9911
Rev. A | Page 23 of 41
Table 13. 2-Level Modulation—RU/RD
Profile Pin Config. Bits
FR1<14:12>
P0
P1
P2
P3
0
0
0
N/A
CH1
N/A
CH1
RU/RD
0
1
1
CH1
N/A
CH1
RU/RD
N/A
8-Level Modulation Using a Profile Pin for RU/RD
When the RU/RD bits = 10, Profile Pin P3 is available for
RU/RD. Note that only a modulation level of eight is available
when the RU/RD bits = 10. See Table 14 for available pin
assignments.
Table 14. 8-Level Modulation—RU/RD
Profile Pin Config. Bits FR1
<14:12>
P0
P1
P2
P3
x
0
1
CH1
CH1
CH1
CH1
RU/RD
SHIFT KEYING MODULATION USING SDIO PINS
FOR RU/RD
For RU/RD bits = 11, SDIO Pin 1, Pin 2, and Pin 3 are available
for RU/RD. In this mode, modulation levels of 2, 4, and 16 are
available. Note that the I/O port can only be used in 1-bit serial
mode.
Table 15. 2-Level Modulation Using SDIO Pins for RU/RD
Profile Pin Config. Bits
FR1 <14:12>
P0
P1
P2
P3
x
x
x
N/A
CH1
N/A
N/A
In this case, the SDIO pins can be used for the RU/RD function,
as described in Table 16.
Table 16. SDIO Pins
1
2
3
Description
0
1
0
Triggers the ramp-up function for CH1
0
1
1
Triggers the ramp-down function for CH1
4-Level Modulation Using SDIO Pins for RU/RD
For RU/RD = 11 (SDIO Pin 1 and Pin 2 are available for
RU/RD), the modulation level is set to four. See Table 17 for pin
assignments, including SDIO pin assignments.
Table 17.
Profile Pin
Config. Bits
(FR1<14:12>)
P0
P1
P2
P3
SDIO_1
SDIO_2
SDIO_3
0
0
0
N/A
N/A
CH1
CH1
N/A
CH1
RU/RD
N/A
0
1
1
CH1
CH1
N/A
N/A
CH1
RU/RD
N/A
N/A
For the configuration shown in Table 17, the profile register is
chosen based on the 2-bit value presented to <P0:P1> or
<P2:P3>. For example, if PPC = 011, <P0:P1> = 11, then the
contents of Profile Register 3 (Register 0x0C) are presented to
CH1 output. SDIO Pin 1 and Pin 2 provide the RU/RD function.
16-Level Modulation Using SDIO Pins for RU/RD
RU/RD = 11 (SDIO Pin 1 available for RU/RD) and the level is
set to 16. See the pin assignment shown in Table 18.
Table 18.
Profile Pin
Config. Bits
(FR1<14:12>)
P0
P1
P2
P3
SDIO_1
SDIO_2
SDIO_3
x
0
1
CH1
CH1
CH1
CH1
CH1
RU/RD
N/A
N/A
For the configuration shown in Table 18, the profile register is
chosen based on the 4-bit value presented to <P0:P3>. For
example, if PPC = x01 and <P0:P3> = 1101, then the contents of
Profile Register 13 (Register 0x16) are presented to CH1 output.
The SDIO_1 pin provides the RU/RD function.
LINEAR SWEEP (SHAPED) MODULATION MODE
Linear sweep enables the user to sweep frequency, phase, or
amplitude from a starting point (S0) to an endpoint (E0). The
purpose of linear sweep mode is to provide better bandwidth
containment compared to direct modulation mode by enabling
more gradual, user-defined changes between S0 and E0. Note
that SYNC_CLK must be enabled when using Linear Sweep
while the auxiliary DDS cores must be disabled. Digital power
down (CSR bit <7>) of the auxiliary channels is recommended.
Figure 41 depicts the linear sweep block diagram.
In linear sweep mode, S0 is loaded into Profile Register 0
(Profile 0 is represented by Register 0x04, Register 0x05, or
Register 0x06, depending on the parameter being swept) and E0
is always loaded into Profile Register 1 (Register 0x0A). If E0 is
configured for frequency sweep, the resolution is 32-bits. For
phase sweep, the resolution is 14 bits and for amplitude sweep,
the resolution is 10 bits. When sweeping phase or amplitude,
the word value must be MSB-aligned in Profile Register 1;
unused bits are ignored. Profile Pin1 triggers and controls the
direction (up/down) of the linear sweep for frequency, phase, or
amplitude.
The AD9911 can be programmed to ramp up or ramp down the
output amplitude (using the 10-bit output scalar) before and
after a linear sweep. If the RU/RD feature is desired, profile pins
or SDIO_1:3 pins can be configured to control the RU/RD
operation. For further details, refer to the Output Amplitude
Control section. To enable linear sweep mode, AFP bits (CFR
<23:22>), modulation level bits (FR1 <9:8>), and the linear
sweep enable bit (CFR <14>) must be programmed. The AFP
bits determine the type of linear sweep to be performed (see
Table 19). The modulation level bits must be set to 00 (2-level).
Table 19.
AFP
CFR <23:22>
Linear Sweep Enable
CFR <14>
Description
0
0
1
N/A
0
1
1
Amplitude sweep
1
0
1
Frequency sweep
1
1
1
Phase sweep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com