Electronic Components Datasheet Search
  English  ▼

X  

AD9911 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9911
Description  500 MSPS Direct Digital Synthesizer 10-Bit DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9911 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9911 Datasheet HTML 17Page - Analog Devices AD9911 Datasheet HTML 18Page - Analog Devices AD9911 Datasheet HTML 19Page - Analog Devices AD9911 Datasheet HTML 20Page - Analog Devices AD9911 Datasheet HTML 21Page - Analog Devices AD9911 Datasheet HTML 22Page - Analog Devices AD9911 Datasheet HTML 23Page - Analog Devices AD9911 Datasheet HTML 24Page - Analog Devices AD9911 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Data Sheet
AD9911
Rev. A | Page 21 of 41
Table 4.
CLK_MODE_SEL Pin 24
FR1 <22:18> PLL, Bits = M
Oscillator Enabled
System Clock
(fSYSCLK)
Min/Max Frequency
Range (MHz)
High = 1.8 V Logic
4 ≤ M ≤ 20
Yes
fSYSCLK = fOSC × M
100 < fSYSCLK < 500
High = 1.8 V Logic
M < 4 or M > 20
Yes
fSYSCLK = fOSC
20 < fSYSCLK < 30
Low
4 ≤ M ≤ 20
No
fSYSCLK = fREF CLK × M
100 < fSYSCLK < 500
Low
M < 4 or M > 20
No
fSYSCLK = fREF CLK
0 < fSYSCLK < 500
Reference Clock Input Circuitry
The reference clock input circuitry has two modes of operation.
The first mode (logic low) configures the circuitry as an input
buffer. In this mode, the reference clock must be ac-coupled to
the input due to internal dc biasing. This mode supports either
differential or single-ended configurations. If single-ended
mode is desired, the complementary reference clock input
(Pin 23) should be decoupled to AVDD or AGND via a 0.1 µF
capacitor. The following three figures exemplify common
reference clock configurations for the AD9911.
1:1
BALUN
REF_CLK
PIN 23
REFERENCE
CLOCK
SOURCE
REF_CLK
PIN 22
25Ω
0.1µF
0.1µF
25Ω
Figure 38. Typical Reference Clock Configuration for Sine Wave Source
The reference clock inputs can also support an LVPECL or
PECL driver as the reference clock source.
REF_CLK
PIN 23
REF_CLK
PIN 22
0.1µF
0.1µF
LVPECL/
PECL
DRIVER
TERMINATION
Figure 39. Typical Reference Clock Configuration for LVPECL/PECL Source
For external crystal operation, both clock inputs must be dc-
coupled via the crystal leads and bypassed. Figure 40 shows the
configuration when a crystal is used.
REF_CLK
PIN 23
25MHz
XTAL
REF_CLK
PIN 22
39pF
39pF
Figure 40. Crystal Configuration for Reference Clock Source
SCALABLE DAC REFERENCE CURRENT CONTROL
MODE
Set the full-scale output current using bits CFR <9:8>, as shown
in Table 5.
Table 5.
CFR <9:8>
LSB Current State
1
1
Full-scale
0
1
Half-scale
1
0
Quarter-scale
0
0
Eighth-scale
POWER-DOWN FUNCTIONS
The AD9911 supports pin-controlled power-down plus numer-
ous software selectable power-down modes. Software controlled
power-down allows the input clock circuitry, DAC, and the
digital logic (for the primary and auxiliary DDS cores) to be
individually powered.
When the PWR_DWN_CTL input pin is high, the AD9911
enters power-down mode based on the FR1 <6> bit. When the
PWR_DWN_CTL input pin is low, the individual power-down
bits (CFR <7:4>) control the power-down modes of operation.
See the Control Register Descriptions section for further details.
SHIFT KEYING MODULATION
The AD9911 can perform 2-/4-/8- or 16-level modulation of
frequency, phase, or amplitude (FSK, PSK, ASK) by applying
data to the profile pins. SYNC_CLK must be enabled when
performing FSK, PSK, or ASK, while the auxiliary DDS cores
must be disabled. Digital power down (CSR Bit <7>) of the
auxiliary channels is recommended.
In addition, the AD9911 has the ability to ramp up or ramp
down the output amplitude before, during, or after a
modulation (FSK, PSK only) sequence. This is accomplished by
using the 10-bit output scalar. Profile pins or SDIO_1:3 pins can
be configured to initiate the ramp up/ramp down (RU/RD)
operation. See the Output Amplitude Control section for
further details.
In modulation mode, a set of control bits (CFR<23:22>)
determines the type (frequency, phase, or amplitude) of
modulation. The primary channel (CH1) has 16 profile
registers. Register Address 0x0A through Register Address 0x18
are profile registers for modulation of frequency, phase, or
amplitude. Register 0x04, Register 0x05, and Register 0x06 are
dedicated registers for frequency, phase, and amplitude,
respectively.
These registers contain the initial frequency, phase offset and
amplitude word. Frequency modulation is 32-bit resolution,
phase modulation is 14 bit, and amplitude is 10 bit. When
modulating phase or amplitude, the word value must be MSB-
aligned in the profile registers; excess bits are ignored. In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com