Electronic Components Datasheet Search
  English  ▼

X  

ADF4355 Datasheet(PDF) 34 Page - Analog Devices

Part # ADF4355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADF4355 Datasheet HTML 27Page - Analog Devices ADF4355 Datasheet HTML 28Page - Analog Devices ADF4355 Datasheet HTML 29Page - Analog Devices ADF4355 Datasheet HTML 30Page - Analog Devices ADF4355 Datasheet HTML 31Page - Analog Devices ADF4355 Datasheet HTML 32Page - Analog Devices ADF4355 Datasheet HTML 33Page - Analog Devices ADF4355 Datasheet HTML 34Page - Analog Devices ADF4355 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
ADF4355
Data Sheet
Rev. B | Page 34 of 35
OUTPUT MATCHING
The low frequency output can simply be ac-coupled to the next
circuit, if desired; however, if higher output power is required,
use a pull-up inductor to increase the output power level.
7.5nH
100pF
RFOUTA+
VRF
50Ω
Figure 46. Optimum Output Stage
When differential outputs are not needed, terminate the unused
output or combine it with both outputs using a balun.
For lower frequencies below 2 GHz, it is recommended to use a
100 nH inductor on the RFOUTA+/RFOUTA− pins.
The RFOUTA+/RFOUTA− pins are a differential circuit. Provide
each output with the same (or similar) components where
possible, such as the same shunt inductor value, bypass
capacitor, and termination.
The auxiliary frequency output, RFOUTB+/RFOUTB−, can be
treated the same as the RFOUTA+/RFOUTA− output. If unused,
leave both RFOUTB+/RFOUTB− pins open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com