Electronic Components Datasheet Search
  English  ▼

X  

ADF4355 Datasheet(PDF) 14 Page - Analog Devices

Part # ADF4355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF4355 Datasheet HTML 10Page - Analog Devices ADF4355 Datasheet HTML 11Page - Analog Devices ADF4355 Datasheet HTML 12Page - Analog Devices ADF4355 Datasheet HTML 13Page - Analog Devices ADF4355 Datasheet HTML 14Page - Analog Devices ADF4355 Datasheet HTML 15Page - Analog Devices ADF4355 Datasheet HTML 16Page - Analog Devices ADF4355 Datasheet HTML 17Page - Analog Devices ADF4355 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
ADF4355
Data Sheet
Rev. B | Page 14 of 35
For example, to ensure that the modulus value loads correctly,
every time the modulus value updates, Register 0 must be
written to. The RF divider select in Register 6 is also double
buffered, but only when Bit DB14 of Register 4 is high.
VCO
The VCO core in the ADF4355 consists of four separate VCOs,
each of which uses 256 overlapping bands, which allows covering
a wide frequency range without a large VCO sensitivity (KV) and
without resultant poor phase noise and spurious performance.
The correct VCO and band are chosen automatically by the
VCO and band select logic when Register 0 is updated and auto-
calibration is enabled. The VCO VTUNE is disconnected from
the output of the loop filter and is connected to an internal
reference voltage.
The R counter output is used as the clock for the band select logic.
After band selection, normal PLL action resumes. The nominal
value of KV is 15 MHz/V when the N divider is driven from the
VCO output, or the KV value is divided by D. D is the output
divider value if the N divider is driven from the RF output divider
(chosen by programming Bits[D23:D21] in Register 6).
The VCO shows variation of KV as the tuning voltage, VTUNE,
varies within the band and from band to band. For wideband
applications covering a wide frequency range (and changing
output dividers), a value of 15 MHz/V provides the most accurate
KV, because this value is closest to the average value. Figure 26
shows how KV varies with fundamental VCO frequency along with
an average value for the frequency band. Users may prefer this
figure when using narrow-band designs.
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
45
50
3.3
3.8
4.3
4.8
5.3
5.8
6.3
6.8
AVERAGE
VCO SENSITIVITY
LINEAR
TREND LINE
Figure 26. KV vs. Frequency
OUTPUT STAGE
The RFOUTA+ and RFOUTA− pins of the ADF4355 connect to
the collectors of an NPN differential pair driven by buffered
outputs of the VCO, as shown in Figure 27. In this scheme, the
ADF4355 contains internal 50 Ω resistors connected to the VRF pin.
To optimize the power dissipation vs. the output power requirements,
the tail current of the differential pair is programmable using
Bits[D2:D1] in Register 6. Four current levels can be set. These
levels give approximate output power levels of −4 dBm, −1 dBm,
+2 dBm, and +5 dBm, respectively, using a 50 Ω resistor to VRF
and ac coupling into a 50 Ω load. For accurate power levels,
refer to the Typical Performance Characteristics section. With
an output power of 5 dBm, an external shunt inductor is necessary
to provide higher power levels; however, this addition results in
less wideband than the internal bias only. Terminate the unused
complementary output with a similar circuit to the used output.
VCO
RFOUTA+
RFOUTA–
VRF
VRF
50Ω
50Ω
BUFFER/
DIVIDE BY
1/2/4/8/
16/32/64
Figure 27. Output Stage
Another feature of the ADF4355 is that the supply current to the
output stages can shut down until the ADF4355 achieves lock as
measured by the digital lock detect circuitry. The mute till lock
detect (MTLD) bit (DB11) in Register 6 enables this.
The RFOUTB+/RFOUTB− pins are duplicate outputs that can be
used independently or in addition to the RFOUTA+/RFOUTA− pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com