Electronic Components Datasheet Search
  English  ▼

X  

ADF4355 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF4355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF4355 Datasheet HTML 19Page - Analog Devices ADF4355 Datasheet HTML 20Page - Analog Devices ADF4355 Datasheet HTML 21Page - Analog Devices ADF4355 Datasheet HTML 22Page - Analog Devices ADF4355 Datasheet HTML 23Page - Analog Devices ADF4355 Datasheet HTML 24Page - Analog Devices ADF4355 Datasheet HTML 25Page - Analog Devices ADF4355 Datasheet HTML 26Page - Analog Devices ADF4355 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Data Sheet
ADF4355
Rev. B | Page 23 of 35
Reference Mode
The ADF4355 permits use of either differential or single-ended
reference sources.
For optimum integer boundary spur performance, use the
single-ended setting for all references up to 250 MHz (even if
using a differential reference signal). Use the differential setting for
reference frequencies above 250 MHz.
Level Select
To assist with logic compatibility, MUXOUT is programmable to
two logic levels. Set the U5 bit (Bit DB8) to 0 to select 1.8 V logic,
and set it to 1 to select 3.3 V logic.
Phase Detector (PD) Polarity
The U4 bit (Bit DB7) sets the phase detector polarity. When a
passive loop filter or a noninverting active loop filter is used,
set DB7 to 1 (positive). If an active filter with an inverting
characteristic is used, set this bit to 0 (negative).
Power-Down
The U3 bit (Bit DB6) sets the programmable power-down mode.
Setting DB6 to 1 performs a power-down. Setting DB6 to 0
returns the synthesizer to normal operation. In software power-
down mode, the ADF4355 retains all information in its registers.
The register contents are only lost if the supply voltages are
removed.
When power-down activates, the following events occur:
The synthesizer counters are forced to their load state
conditions.
The VCO powers down.
The charge pump is forced into three-state mode.
The digital lock detect circuitry resets.
The RFOUTA+/RFOUTA− and RFOUTB+/RFOUTB− output
stages are disabled.
The input registers remain active and capable of loading
and latching data.
Charge Pump Three-State
Setting the U2 bit (Bit DB5) to 1 puts the charge pump into
three-state mode. Set DB5 to 0 for normal operation.
Counter Reset
The U1 bit (Bit DB4) resets the R counter, N counter, and
VCO band select of the ADF4355. When DB4 is set to 1, the RF
synthesizer N counter and R counter, and the VCO band select,
are reset. For normal operation, set DB4 to 0. Toggling counter
reset (Bit DB4) is also required when changing frequency (see
the Frequency Update Sequence section for additional details).
REGISTER 5
The bits in Register 5 are reserved and must be programmed as
described in Figure 35, using a hexadecimal word of 0x00800025.
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
000
000
0
0
C4(0) C3(1) C2(0)
CONTROL
BITS
00
RESERVED
DB0
C1(1)
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
1
Figure 35. Register 5 (0x00800025)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com