Electronic Components Datasheet Search
  English  ▼

X  

ADF4355 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4355 Datasheet HTML 12Page - Analog Devices ADF4355 Datasheet HTML 13Page - Analog Devices ADF4355 Datasheet HTML 14Page - Analog Devices ADF4355 Datasheet HTML 15Page - Analog Devices ADF4355 Datasheet HTML 16Page - Analog Devices ADF4355 Datasheet HTML 17Page - Analog Devices ADF4355 Datasheet HTML 18Page - Analog Devices ADF4355 Datasheet HTML 19Page - Analog Devices ADF4355 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
ADF4355
Data Sheet
Rev. B | Page 16 of 35
REGISTER MAPS
1DBR = DOUBLE BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 0.
2DBB = DOUBLE BUFFERED BITS—BUFFERED BY A WRITE TO REGISTER 0 WHEN BIT DB14 OF REGISTER 4 IS HIGH.
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
N16 N15 N14 N13 N12 N11 N10
N9
RESERVED
16-BIT INTEGER VALUE (INT)
CONTROL
BITS
N8
N7
N6
N5
N4
N3
N2
N1 C4(0) C3(0) C2(0)
PR1
AC1
0
0
0
0
0
0
0
0
0
0
C1(0)
DB31
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
F24
F23
F22
F21
RESERVED
24-BIT MAIN FRACTIONAL VALUE (FRAC1)
CONTROL
BITS
F20
F19
F18
F17
F16
F15
F14
F13
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
C3(0) C2(0) C1(1)
C4(0)
0
0
0
DBR1
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
14-BIT AUXILIARY MODULUS VALUE (MOD2)
CONTROL
BITS
M14 M13 M12 M11 M10
M9
M8
M7
M6
M5
M4
M3
M2
M1
C3(0) C2(1) C1(0)
C4(0)
DBR 1
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
F12
F13
F14
14-BIT AUXILIARY FRACTIONAL VALUE (FRAC2) DBR1
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
PA1
P24
P23
P22
P21
24-BIT PHASE VALUE (PHASE)
CONTROL
BITS
P20
P19
P18
P17
P16
P15
P14
P13
P12
P11
P10
P9
P8
P7
P6
P5
P4
P3
P2
P1
C3(0) C2(1) C1(1)
C4(0)
PR1
SD1
0
DBR1
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
10-BIT R COUNTER
CONTROL
BITS
D1
CP4
CP3
CP2
CP1 U6
U5
U4
U3
U2
U1
C3(1) C2(0) C1(0)
C4(0)
DBR1
DBR1
MUXOUT
RESERVED
CURRENT
SETTING
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1
0
0
0
0
0
0
0
0
C4(0) C3(1) C2(0)
CONTROL
BITS
0
0
RESERVED
DB0
C1(1)
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
1
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
REGISTER 4
REGISTER 5
REGISTER 6
0
0
M3
M2
M1
RD2 RD1
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
RF DIVIDER
SELECT2
RF
OUTPUT
POWER
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0
1
0
1
0
D13
D12
D11
D10
BL1
0
D8
0
D6
D5
D4
D3
D2
D1 C4(0) C3(1) C2(1)
CONTROL
BITS
CHARGE PUMP BLEED CURRENT
AUX RF
OUTPUT
POWER
RESERVED
C1(0)
BL2
BL3
BL4
BL5
BL6
BL7
BL8
BL9
BL10
Figure 28. Register Summary (Register 0 to Register 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com