Electronic Components Datasheet Search
  English  ▼

X  

ADF4355 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4355 Datasheet HTML 6Page - Analog Devices ADF4355 Datasheet HTML 7Page - Analog Devices ADF4355 Datasheet HTML 8Page - Analog Devices ADF4355 Datasheet HTML 9Page - Analog Devices ADF4355 Datasheet HTML 10Page - Analog Devices ADF4355 Datasheet HTML 11Page - Analog Devices ADF4355 Datasheet HTML 12Page - Analog Devices ADF4355 Datasheet HTML 13Page - Analog Devices ADF4355 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
ADF4355
Data Sheet
Rev. B | Page 10 of 35
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–170
–150
–130
–110
–90
–70
–50
÷1
÷2
Figure 10. Closed-Loop Phase Noise, RFOUTA+, Fundamental VCO and
Divide by 2, VCO = 3.4 GHz, PFD = 61.44 MHz, Loop Bandwidth = 2 kHz
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–170
–150
–130
–110
–90
–70
–50
÷1
÷2
Figure 11. Closed-Loop Phase Noise, RFOUTA+, Fundamental VCO and
Divide by 2, VCO = 5.0 GHz, PFD = 61.44 MHz, Loop Bandwidth = 2 kHz
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–170
–150
–130
–110
–90
–70
–50
÷1
÷2
Figure 12. Closed-Loop Phase Noise, RFOUTA+, Fundamental VCO and
Divide by 2, VCO = 6.8 GHz, PFD = 61.44 MHz, Loop Bandwidth = 2 kHz
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 13. Output Power vs. Frequency, RFOUTA+/RFOUTA− (7.5 nH Inductors,
10 pF Bypass Capacitors, Board Losses De-Embedded)
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
1
2
3
4
5
6
7
FREQUENCY (GHz)
SECOND HARMONIC
THIRD HARMONIC
Figure 14. RFOUTA+/RFOUTA− Harmonics vs. Frequency (7.5 nH Inductors,
10 pF Bypass Capacitors, Board Losses De-Embedded)
FREQUENCY (GHz)
–10
–8
–6
–4
–2
0
2
4
6
8
10
0
1
2
3
4
5
6
7
Figure 15. RFOUTA+/RFOUTA− Power vs. Frequency (100 nH Inductors, 100 pF
Bypass Capacitors, Board Measurement)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com