Electronic Components Datasheet Search
  English  ▼

X  

ADF4355 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4355 Datasheet HTML 4Page - Analog Devices ADF4355 Datasheet HTML 5Page - Analog Devices ADF4355 Datasheet HTML 6Page - Analog Devices ADF4355 Datasheet HTML 7Page - Analog Devices ADF4355 Datasheet HTML 8Page - Analog Devices ADF4355 Datasheet HTML 9Page - Analog Devices ADF4355 Datasheet HTML 10Page - Analog Devices ADF4355 Datasheet HTML 11Page - Analog Devices ADF4355 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ADF4355
Data Sheet
Rev. B | Page 8 of 35
Pin No.
Mnemonic
Description
25, 32
CREG1, CREG2
Outputs from the LDO Regulator. CREG1 and CREG2 are the supply voltages to the digital circuits and have a
nominal voltage of 1.8 V. Decoupling capacitors of 100 nF connected to AGND are required for these pins.
26
PDBRF
RF Power-Down. A logic low on this pin mutes the RF outputs. This mute function is also software controllable.
27
DVDD
Digital Power Supply. This pin must be at the same voltage as AVDD. Place decoupling capacitors to the ground
plane as close to this pin as possible.
28
REFINB
Complementary Reference Input. If unused, ac-couple this pin to AGND.
29
REFINA
Reference Input.
30
MUXOUT
Multiplexer Output. The multiplexer output allows the digital lock detect, the analog lock detect, scaled RF, or the
scaled reference frequency to be externally accessible.
31
SDGND
Digital Σ-Δ Modulator Ground. SDGND is the ground return path for the Σ-Δ modulator.
EP
Exposed Pad. The exposed pad must be connected to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com