Electronic Components Datasheet Search
  English  ▼

X  

ADF4355 Datasheet(PDF) 26 Page - Analog Devices

Part # ADF4355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF4355 Datasheet HTML 22Page - Analog Devices ADF4355 Datasheet HTML 23Page - Analog Devices ADF4355 Datasheet HTML 24Page - Analog Devices ADF4355 Datasheet HTML 25Page - Analog Devices ADF4355 Datasheet HTML 26Page - Analog Devices ADF4355 Datasheet HTML 27Page - Analog Devices ADF4355 Datasheet HTML 28Page - Analog Devices ADF4355 Datasheet HTML 29Page - Analog Devices ADF4355 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
ADF4355
Data Sheet
Rev. B | Page 26 of 35
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3
DB2
DB1
DB0
0
0
LE
0
0
0000
000
0
LD1
C3(1) C2(1) C1(1)
CONTROL
BITS
RESERVED
LD3
LD2
FRACTIONAL-N LD PRECISION
005.0ns
016.0ns
108.0ns
1112.0ns
LD1
0
FRACTIONAL-N
1INTEGER-N (2.9ns)
C4(0)
LOCK DETECT MODE
LD2
LD3
LOL
0
DISABLED
1
ENABLED
LOSS OF LOCK MODE
LOL
LD5
LD4
LOCK DETECT CYCLE COUNT
0
0
1024
0
1
2048
1
0
4096
1
1
8192
LD4
LD5
LD
CYCLE
COUNT
0
0
0
0
0
0
1
0
0
LE
0
DISABLED
1
LE SYNCED TO REFIN
LE SYNCHRONIZATION
RESERVED
Figure 37. Register 7
REGISTER 7
Control Bits
With Bits[C4:C1] set to 0111, Register 7 is programmed. Figure 37
shows the input data format for programming this register.
Reserved
Bits[DB31:DB29] are reserved and must be set to 0. Bit DB28 is
reserved and must be set to 1. Bits[DB27:DB26] are reserved
and must be set to 0.
LE Sync
When set to 1, Bit DB25 ensures that the load enable (LE) edge
is synchronized internally with the rising edge of reference
input frequency. This synchronization prevents the rare event of
reference and RF dividers from loading at the same time as a falling
edge of reference frequency, which can lead to longer lock times.
Reserved
Bits[DB24:DB10] are reserved and must be set to 0.
Fractional-N Lock Detect Count (LDC)
LD5 and LD4 (Bits[DB9:DB8]) set the number of consecutive
cycles counted by the lock detect circuitry before asserting lock
detect high. See Figure 37 for details.
Loss of Lock (LOL) Mode
Set LOL (Bit DB7) to 1 when the application is a fixed frequency
application in which the input reference frequency (REFIN) is likely
to be removed, such as a clocking application. The standard lock
detect circuit assumes that REFIN is always present; however, this
may not be the case with clocking applications. To enable this
functionality, set DB7 to 1. Loss of lock mode does not function
reliably when using a differential REFIN mode.
Fractional-N Lock Detect Precision (LDP)
LD3 and LD2 (Bits[DB6:DB5]) set the precision of the lock detect
circuitry in fractional-N mode. LDP is available at 5.0 ns, 6.0 ns,
8.0 ns, or 12.0 ns. If bleed currents are used, use 12 ns.
Lock Detect Mode (LDM)
If LD1 (Bit DB4) is set to 0, each reference cycle is set by
fractional-N lock detect precision as described in the
Fractional-N Lock Detect Count (LDC) section. If DB4 is
set to 1, each reference cycle is 2.9 ns long, which is more
appropriate for integer-N applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com