Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA855 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments OPA855 Datasheet HTML 18Page - Texas Instruments OPA855 Datasheet HTML 19Page - Texas Instruments OPA855 Datasheet HTML 20Page - Texas Instruments OPA855 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Frequency (Hz)
-15
0
15
30
45
60
75
90
100k
1M
10M
100M
1G
10G
D604
AOL at 40qC
AOL at 25qC
AOL at +125qC
Frequency (Hz)
-15
0
15
30
45
60
75
90
100k
1M
10M
100M
1G
10G
D605
AOL ( 1 V)
AOL (Typ.)
AOL (+1 V)
17
OPA855
www.ti.com
SBOS622A – JULY 2018 – REVISED OCTOBER 2018
Product Folder Links: OPA855
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
9.3.3 Wide Gain-Bandwidth Product
Figure 10 shows the open-loop magnitude and phase response of the OPA855. Calculate the gain bandwidth
product of any op amp by determining the frequency at which the AOL is 40 dB and multiplying that frequency by
a factor of 100. The open-loop response shows the OPA855 to have approximately 62° of phase-margin in a
noise gain of 7 V/V. The second pole in the AOL response occurs before the magnitude crosses 0 dB, and the
resultant phase margin is less than 0°. This indicates instability at a gain of 0 dB (1 V/V). Amplifiers that are not
unity-gain stable are known as decompensated amplifiers. Decompensated amplifiers typically have higher gain-
bandwidth product, higher slew rate, and lower voltage noise, compared to a unity-gain stable amplifier with the
same amount of quiescent power consumption.
Figure 50 shows the open-loop magnitude (AOL) of the OPA855 as a function of temperature. The results show
approximately 5° of phase-margin variation over the entire temperature range in a noise gain of 7 V/V.
Semiconductor process variation is the naturally occurring variation in the attributes of a transistor (Early-voltage,
β, channel-length and width) and other passive elements (resistors and capacitors) when fabricated into an
integrated circuit. The process variation can occur across devices on a single wafer, or, across devices over
multiple wafer lots over time. Typically, the variation across a single wafer is tightly controlled. Figure 51 shows
the AOL magnitude of the OPA855 as a function of process variation over time. The results show the AOL curve
for the nominal process corner and the variation one standard deviation from the nominal. The simulated results
show less than 2° of phase-margin difference within a standard deviation of process variation in a noise gain of 7
V/V.
One of the primary applications for the OPA855 is as a high-speed transimpedance amplifier (TIA). The low-
frequency noise gain of a TIA is 0 dB (1 V/V). At high frequencies the ratio of the total input capacitance and the
feedback capacitance set the noise gain. To maximize the TIA closed-loop bandwidth, the feedback capacitance
is typically smaller than the input capacitance, which implies that the high-frequency noise gain is greater than 0
dB. As a result, op amps configured as TIAs are not required to be unity-gain stable, which makes a
decompensated amplifier a viable option for a TIA. What You Need To Know About Transimpedance Amplifiers –
Part 1 and What You Need To Know About Transimpedance Amplifiers – Part 2 describe transimpedance
amplifier compensation in greater detail.
Figure 50. Open-Loop Gain vs Temperature
Figure 51. Open-Loop Gain vs Process Variation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com