Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA855 Datasheet(HTML) 3 Page - Texas Instruments

  OPA855 Datasheet HTML 1Page - Texas Instruments OPA855 Datasheet HTML 2Page - Texas Instruments OPA855 Datasheet HTML 3Page - Texas Instruments OPA855 Datasheet HTML 4Page - Texas Instruments OPA855 Datasheet HTML 5Page - Texas Instruments OPA855 Datasheet HTML 6Page - Texas Instruments OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
FB
8
PD
2
NC
7
VS+
3
IN±
6
OUT
4
IN+
5
VS±
Not to scale
Thermal pad
3
OPA855
www.ti.com
SBOS622A – JULY 2018 – REVISED OCTOBER 2018
Product Folder Links: OPA855
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
INPUT TYPE
MINIMUM STABLE
GAIN
VOLTAGE NOISE
(nV/
√Hz)
INPUT
CAPACITANCE (pF)
GAIN BANDWIDTH
(GHz)
OPA855
Bipolar
7 V/V
0.98
0.8
8
OPA858
CMOS
7 V/V
2.5
0.8
5.5
OPA859
CMOS
1 V/V
3.3
0.8
0.9
LMH6629
Bipolar
10 V/V
0.69
5.7
4
6 Pin Configuration and Functions
DSG Package
8-Pin WSON With Exposed Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
FB
1
I
Feedback connection to output of amplifier
IN–
3
I
Inverting input
IN+
4
I
Noninverting input
NC
2
—
Do not connect
OUT
6
O
Amplifier output
PD
8
I
Power down connection. PD = logic low = power off mode; PD = logic high = normal operation.
VS–
5
—
Negative voltage supply
VS+
7
—
Positive voltage supply
Thermal pad
—
Connect the thermal pad to VS–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com