Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA855 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Input Offset Current (PA)
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
D543
Input Bias Current (PA)
0
1000
2000
3000
4000
5000
6000
7000
8000
D542
Inverting Current
Noninverting Current
Offset Voltage (mV)
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
D541
Quiescent Current (mA)
0
1000
2000
3000
4000
5000
6000
7000
8000
D540
Output Current (mA)
-120
-100
-80
-60
-40
-20
0
0.8
1
1.2
1.4
1.6
1.8
2
2.2
D573
TA = 40qC
TA = +25qC
TA = +125qC
Output Current (mA)
0
20
40
60
80
100
120
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
D574
TA = 40qC
TA = +25qC
TA = +125qC
13
OPA855
www.ti.com
SBOS622A – JULY 2018 – REVISED OCTOBER 2018
Product Folder Links: OPA855
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS+ = 2.5 V, VS– = –2.5 V, VIN+ = 0 V, RF = 453 Ω, Gain = 7 V/V, RL = 200 Ω, and output load referenced to
midsupply (unless otherwise noted)
VS+ = 5 V, VS– = 0 V
Figure 37. Output Swing vs Sinking Current
VS+ = 5 V, VS– = 0 V
Figure 38. Output Swing vs Sourcing Current
µ = 17.6 mA
σ = 0.3 mA
13780 units tested
Figure 39. Quiescent Current Distribution
µ = –0.2 mV
σ = 0.15 mV
13780 units tested
Figure 40. Offset Voltage Distribution
µ = –11.2 µA
σ = 0.6 µA
13780 units tested
Figure 41. Input Bias Current Distribution
µ = 0.04 µA
σ = 0.1 µA
13780 units tested
Figure 42. Input Offset Current Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com