Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA855 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments OPA855 Datasheet HTML 10Page - Texas Instruments OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Total Supply Voltage (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
D563
Unit 1
Unit 2
Unit 3
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-0.25
-0.15
-0.05
0.05
0.15
0.25
D564
Total Supply Voltage (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
16
16.25
16.5
16.75
17
17.25
17.5
17.75
18
18.25
D560
Unit 1
Unit 2
Unit 3
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
16
16.5
17
17.5
18
18.5
19
19.5
D561
VS = 3.3 V
VS = 5 V
Frequency (Hz)
0
20
40
60
80
100
120
1M
10M
100M
1G
100k
10k
D525
CMRR
Frequency (Hz)
0
20
40
60
80
100
1M
10M
100M
1G
100k
10k
D526
PSRR+
PSRR
11
OPA855
www.ti.com
SBOS622A – JULY 2018 – REVISED OCTOBER 2018
Product Folder Links: OPA855
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS+ = 2.5 V, VS– = –2.5 V, VIN+ = 0 V, RF = 453 Ω, Gain = 7 V/V, RL = 200 Ω, and output load referenced to
midsupply (unless otherwise noted)
Small-Signal Response
Figure 25. Common-Mode Rejection Ratio vs Frequency
Small-Signal Response
Figure 26. Power Supply Rejection Ratio vs Frequency
3 Typical Units
Figure 27. Quiescent Current vs Supply Voltage
Figure 28. Quiescent Current vs Ambient Temperature
3 Typical Units
Figure 29. Offset Voltage vs Supply Voltage
µ = 0.4 µV/°C
σ = 0.7 µV/°C
28 units tested
Figure 30. Offset Voltage vs Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com