Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA855 Datasheet(HTML) 1 Page - Texas Instruments

  OPA855 Datasheet HTML 1Page - Texas Instruments OPA855 Datasheet HTML 2Page - Texas Instruments OPA855 Datasheet HTML 3Page - Texas Instruments OPA855 Datasheet HTML 4Page - Texas Instruments OPA855 Datasheet HTML 5Page - Texas Instruments OPA855 Datasheet HTML 6Page - Texas Instruments OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
+
±
VBIAS
CF
RF
3.8 V
5 V
+
±
VREF
TDC7201
(Time-to-
Digital
Converter)
Pulsed Laser
Diode
Rx
Lens
+
±
VBIAS
CF
RF
3.8 V
5 V
+
±
VREF
Tx
Lens
MSP430
Controller
Start 1
Stop 1
Start 2
Stop 2
OPA855
OPA855
TLV3501
TLV3501
Photodiode capacitance (pF)
0
2
4
6
8
10
12
14
16
18
20
50
0
100
20
150
40
200
60
250
80
300
100
350
120
400
140
450
160
D609
f-3dB, RF = 6 k:
f-3dB, RF = 12 k:
IRN, RF = 6 k:
IRN, RF = 12 k:
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA855
SBOS622A – JULY 2018 – REVISED OCTOBER 2018
OPA855 8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
1
1 Features
1
•
High Gain Bandwidth Product: 8 GHz
•
Decompensated, Gain
≥ 7 V/V (Stable)
•
Low Input Voltage Noise: 0.98 nV/
√Hz
•
Slew Rate: 2750 V/µs
•
Low Input Capacitance:
–
Common-Mode: 0.6 pF
–
Differential: 0.2 pF
•
Wide Input Common-Mode Range:
–
0.4 V from Positive Supply
–
1.1 V from Negative Supply
•
3 VPP Total Output Swing
•
Supply Voltage Range: 3.3 V to 5.25 V
•
Quiescent Current: 17.8 mA
•
Package: 8-Pin WSON
•
Temperature Range: –40 to +125°C
2 Applications
•
High-Speed Transimpedance Amplifier
•
Laser Distance Measurement
•
CCD Output Buffer
•
High-Speed Buffer
•
Optical Time Domain Reflectometry (OTDR)
•
High-Speed Active Filter
•
3D Scanner
•
Silicon Photomultiplier (SiPM) Buffer Amplifier
•
Photomultiplier Tube Post Amplifier
3 Description
The OPA855 is a wideband, low-noise operational
amplifier
with
bipolar
inputs
for
wideband
transimpedance and voltage amplifier applications.
When the device is configured as a transimpedance
amplifier (TIA), the 8-GHz gain bandwidth product
(GBWP) enables high closed-loop bandwidths at
transimpedance gains of up to tens of kΩs.
The graph below shows the bandwidth and noise
performance of the OPA855 as a function of the
photodiode
capacitance
when
the
amplifier
is
configured as a TIA. The total noise is calculated
along a bandwidth range extending from dc to the
calculated frequency, f, on the left-hand scale. The
OPA855 package has a feedback pin (FB) that
simplifies the feedback network connection between
the input and the output.
The OPA855 is optimized to operate in optical time-
of-flight (ToF) systems where the OPA855 is used
with time-to-digital converters, such as the TDC7201.
Use the OPA855 to drive a high-speed analog-to-
digital converter (ADC) in high-resolution LIDAR
systems with a differential output amplifier, such as
the THS4541 or LMH5401.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA855
WSON (8)
2.00 mm × 2.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
High-Speed Time-of-Flight Receiver
Photodiode Capacitance vs Bandwidth and Noise


Similar Part No. - OPA855

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA855 TI1-OPA855 Datasheet
1Mb / 27P
8 GHz Gain Bandwidth Product, Gain of 7 V/V Stable, Bipolar Input Amplifier
OPA855 TI-OPA855 Datasheet
3Mb / 33P
OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
OPA855 TI-OPA855 Datasheet
1Mb / 29P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA855 TI-OPA855 Datasheet
3Mb / 35P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA855 TI2-OPA855 Datasheet
2Mb / 41P
OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
REVISED MAY 2025
More results

Similar Description - OPA855

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK7002 IKSEMICON-IK7002 Datasheet
371Kb / 5P
Gain bandwidth product
logo
Texas Instruments
OPA858 TI1-OPA858 Datasheet
1Mb / 28P
5.5-GHz Gain Bandwidth Product Decompensated, FET Input Amplifier
OPA858 TI1-OPA858_18 Datasheet
2Mb / 31P
5.5-GHz Gain Bandwidth Product Decompensated, FET Input Amplifier
OPA855 TI1-OPA855 Datasheet
1Mb / 27P
8 GHz Gain Bandwidth Product, Gain of 7 V/V Stable, Bipolar Input Amplifier
OPA818 TI1-OPA818 Datasheet
641Kb / 27P
2.7-GHz, 13-V, Gain of 7-V/V Stable, FET-Input Operational Amplifier
OPA856 TI-OPA856 Datasheet
3Mb / 33P
OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
OPA855-Q1 TI-OPA855-Q1 Datasheet
1Mb / 29P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA858-Q1 TI-OPA858-Q1 Datasheet
1Mb / 30P
OPA858-Q1 5.5-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, FET Input Amplifier
OPA855-Q1 TI-OPA855-Q1_V01 Datasheet
3Mb / 35P
8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
OPA858-Q1 TI-OPA858-Q1_V01 Datasheet
3Mb / 37P
OPA858-Q1 5.5-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, FET Input Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com