Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA855 Datasheet(HTML) 4 Page - Texas Instruments

  OPA855 Datasheet HTML 1Page - Texas Instruments OPA855 Datasheet HTML 2Page - Texas Instruments OPA855 Datasheet HTML 3Page - Texas Instruments OPA855 Datasheet HTML 4Page - Texas Instruments OPA855 Datasheet HTML 5Page - Texas Instruments OPA855 Datasheet HTML 6Page - Texas Instruments OPA855 Datasheet HTML 7Page - Texas Instruments OPA855 Datasheet HTML 8Page - Texas Instruments OPA855 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
OPA855
SBOS622A – JULY 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: OPA855
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Long-term continuous output current for electromigration limits.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VS
Total supply voltage (VS+ – VS–)
5.5
V
VIN+, VIN–
Input voltage
(VS–) – 0.5
(VS+) + 0.5
V
VID
Differential input voltage
1
V
VOUT
Output voltage
(VS–) – 0.5
(VS+) + 0.5
V
IIN
Continuous input current
±10
mA
IOUT
Continuous output current(2)
±100
mA
TJ
Junction temperature
150
°C
TA
Operating free-air temperature
–40
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Total supply voltage (VS+ – VS–)
3.3
5
5.25
V
TA
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
OPA855
UNIT
DSG (WSON)
8 PINS
RθJA
Junction-to-ambient thermal resistance
80.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
100
°C/W
RθJB
Junction-to-board thermal resistance
45
°C/W
ψJT
Junction-to-top characterization parameter
6.8
°C/W
ψJB
Junction-to-board characterization parameter
45.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
22.7
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com