Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA855
Description  8-GHz Gain Bandwidth Product, Gain of 7-V/V Stable, Bipolar Input Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA855 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 17Page - Texas Instruments OPA855 Datasheet HTML 18Page - Texas Instruments OPA855 Datasheet HTML 19Page - Texas Instruments OPA855 Datasheet HTML 20Page - Texas Instruments OPA855 Datasheet HTML 21Page - Texas Instruments OPA855 Datasheet HTML 22Page - Texas Instruments OPA855 Datasheet HTML 23Page - Texas Instruments OPA855 Datasheet HTML 24Page - Texas Instruments OPA855 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
+
±
VBIAS
CF
RF
3.8 V
5 V
OPA855
+
±
499
499
499
±
+
499
VOCM = 1.3 V
5 V
+
±
3.25 V
5 V
OPA859
ADS54J64
Low-pass
filter
U1
U2
21
OPA855
www.ti.com
SBOS622A – JULY 2018 – REVISED OCTOBER 2018
Product Folder Links: OPA855
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10.2 Typical Application
Figure 55 shows the OPA855 configured as a transimpedance amplifier (U1) in a wide-bandwidth, optical front-
end system. A second amplifier, the OPA859, configured as a unity-gain buffer (U2) sets a dc offset voltage to
the THS4520. The THS4520 is used to convert the single-ended transimpedance output of the OPA855 into a
differential output signal. The THS4520 drives the input of the ADS54J64, 14-bit, 1-GSPS analog-to-digital
converter (ADC) that digitizes the analog signal.
Figure 55. OPA855 as a TIA in an Optical Front-End System
10.2.1 Design Requirements
The objective is to design a low noise, wideband optical front-end system using the OPA855 as a
transimpedance amplifier. The design requirements are:
•
Amplifier supply voltage: 5 V
•
TIA common-mode voltage: 3.8 V
•
THS4520 gain: 1 V/V
•
ADC input common-mode voltage: 1.3 V
•
ADC analog differential input range: 1.1 VPP
10.2.2 Detailed Design Procedure
The closed-loop bandwidth of a transimpedance amplifier is a function of the following:
1. The total input capacitance (CIN). This total includes the photodiode capacitance, the input capacitance of the
amplifier (common-mode and differential capacitance) and any stray capacitance from the PCB.
2. The op amp gain bandwidth product (GBWP).
3. The transimpedance gain (RF).
Figure 55 shows the OPA855 configured as a TIA, with the avalanche photodiode (APD) reverse biased so that
the APD cathode is tied to a large positive bias voltage. In this configuration, the APD sources current into the op
amp feedback loop so that the output swings in a negative direction relative to the input common-mode voltage.
To maximize the output swing in the negative direction, the OPA855 common-mode voltage is set close to the
positive limit; only 1.2 V from the positive supply rail. The feedback resistance (RF) and the input capacitance
(CIN) form a zero in the noise gain that results in instability if left unchecked. To counteract the effect of the zero,
a pole is inserted into the noise gain transfer function by adding the feedback capacitor (CF).
The Transimpedance Considerations for High-Speed Amplifiers Application Report discusses theories and
equations that show how to compensate a transimpedance amplifier for a particular transimpedance gain and
input capacitance. The bandwidth and compensation equations from the application report are available in an
Excel™ calculator. What You Need To Know About Transimpedance Amplifiers – Part 1 provides a link to the
calculator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com